Electronic Components Datasheet Search
  English  ▼

X  

MAX17823B Datasheet(PDF) 42 Page - Maxim Integrated Products

Part # MAX17823B
Description   12-Channel High-Voltage Data Acquisition System
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17823B Datasheet(HTML) 42 Page - Maxim Integrated Products

Back Button MAX17823B Datasheet HTML 38Page - Maxim Integrated Products MAX17823B Datasheet HTML 39Page - Maxim Integrated Products MAX17823B Datasheet HTML 40Page - Maxim Integrated Products MAX17823B Datasheet HTML 41Page - Maxim Integrated Products MAX17823B Datasheet HTML 42Page - Maxim Integrated Products MAX17823B Datasheet HTML 43Page - Maxim Integrated Products MAX17823B Datasheet HTML 44Page - Maxim Integrated Products MAX17823B Datasheet HTML 45Page - Maxim Integrated Products MAX17823B Datasheet HTML 46Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 121 page
background image
________________________________________________________________________________________________________________________________________________________________
MAX17823B
12-Channel High-Voltage Data Acquisition System
www.maximintegrated.com
Maxim Integrated | 42
UART INTERFACE
The battery-management UART protocol allows up to 32 devices to be connected in daisy-chain fashion as shown
in Figure 24. The host initiates all communication with the daisy-chain devices via a UART interface such as the
MAX17841B. The data flow is always unidirectional from the host, up the daisy-chain (up-stack) and then loops back
down the daisy-chain (down-stack) to the host as shown in Figure 24.
Each device first receives data at its lower RX port and immediately re-transmits data from its upper TX port to the
lower RX port of the next up-stack device. The last device transmits data from its upper TX port directly into its upper
RX port and then immediately re-transmits the data from its lower TX port to the upper RX port of the next down-
stack device. The protocol supports fixed baud rates of 2Mb/s, 1Mb/s, or 0.5Mb/s. The baud rate is set by the host
and is automatically detected by the device.
Figure 24. UART Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com