Electronic Components Datasheet Search
  English  ▼

X  

MAX17823B Datasheet(PDF) 53 Page - Maxim Integrated Products

Part # MAX17823B
Description   12-Channel High-Voltage Data Acquisition System
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17823B Datasheet(HTML) 53 Page - Maxim Integrated Products

Back Button MAX17823B Datasheet HTML 49Page - Maxim Integrated Products MAX17823B Datasheet HTML 50Page - Maxim Integrated Products MAX17823B Datasheet HTML 51Page - Maxim Integrated Products MAX17823B Datasheet HTML 52Page - Maxim Integrated Products MAX17823B Datasheet HTML 53Page - Maxim Integrated Products MAX17823B Datasheet HTML 54Page - Maxim Integrated Products MAX17823B Datasheet HTML 55Page - Maxim Integrated Products MAX17823B Datasheet HTML 56Page - Maxim Integrated Products MAX17823B Datasheet HTML 57Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 121 page
background image
________________________________________________________________________________________________________________________________________________________________
MAX17823B
12-Channel High-Voltage Data Acquisition System
www.maximintegrated.com
Maxim Integrated | 53
READALL Command
The READALL command returns register data from the specified register for all daisy-chain devices. The data for
the first device (connected to host) is returned last. The command sequence is shown in Table 28. If the received
PEC byte does not match the calculated value, the ALRTPEC bit of the data-check byte and ALRTPEC bit of the
STATUS register are set, but the command proceeds. A Manchester error immediately switches the data
propagation from read mode to write (pass-through) mode insuring that the Manchester error is propagated through
the daisy-chain and back to the host.
Table 28. READALL Command Sequencing (z = no. of devices)
Host TX
Device(n) RXL
Device(n) TXU
Host RX
Preamble
Preamble
Preamble
Preamble
03h
03h
03h
03h
[REG ADDR]
[REG ADDR]
[DATA ADDR]
[REG ADDR]
[DC] = 0x00
[DATA LSB(n-1)]
[DATA LSB(n)]
[DATA LSB(z)]
[PEC]
[DATA MSB(n-1)]
[DATA MSB(n)]
[DATA MSB(z)]
[ALIVE]*
…
…
[DATA LSB(z-1)]
[FD(1) C2h]
…
…
[DATA MSB(z-1)]
[FD(1) D3h]
[DATA LSB(1)]
[DATA LSB(1)]
…
[FD(2) C2h]
[DATA MSB(1)]
[DATA MSB(1)]
…
[FD(2) D3h]
[DC]
[DC]
…
…
[PEC]
[PEC]
…
…
[ALIVE]*
[ALIVE]*
…
…
[FD(1) C2h]
[FD(1) C2h]
…
…
[FD(1) D3h]
[FD(1) D3h]
[DATA LSB(1)]
…
…
…
[DATA MSB(1)]
…
…
…
[DC]
[FD(z) C2h]
[FD(z-n) C2h]
[FD(z-n-1) C2h]
[PEC]
[FD(z) D3h]
[FD(z-n) D3h]
[FD(z-n-1) D3h]
[ALIVE]*
Stop
Stop
Stop
Stop
12 + (4 x z) characters
12 + (4 x z) characters
12 + (4 x z) characters
12 + (4 x z) characters
*If alive-counter mode is enabled.
The fill byte values transmitted by the MAX17841B interface alternate between C2h and D3h as shown. As the
packet propagates through the device, the device retransmits it in the order shown in the sequencing table (device
TXU column). The device knows which bytes to overwrite since its ADDRESS register contains the first device
address and its own device address and therefore it knows where in the data stream it belongs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com