Electronic Components Datasheet Search
  English  ▼

X  

MAX17843 Datasheet(PDF) 58 Page - Maxim Integrated Products

Part # MAX17843
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843 Datasheet(HTML) 58 Page - Maxim Integrated Products

Back Button MAX17843 Datasheet HTML 54Page - Maxim Integrated Products MAX17843 Datasheet HTML 55Page - Maxim Integrated Products MAX17843 Datasheet HTML 56Page - Maxim Integrated Products MAX17843 Datasheet HTML 57Page - Maxim Integrated Products MAX17843 Datasheet HTML 58Page - Maxim Integrated Products MAX17843 Datasheet HTML 59Page - Maxim Integrated Products MAX17843 Datasheet HTML 60Page - Maxim Integrated Products MAX17843 Datasheet HTML 61Page - Maxim Integrated Products MAX17843 Datasheet HTML 62Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 131 page
background image
Data-Check Byte
The host uses the returned data-check byte to promptly
determine if any communication errors occurred during
the packet transmission and to check if alert flags are set
in any devices, as shown in Table 26. The data-check
byte is returned by the READALL and READDEVICE
commands. For READDEVICE, the data-check byte is
updated only by the addressed device.
The data-check byte sent by the host is a seed value nor-
mally set to 00hN although nonzero values can be used
as a diagnostic. Each device logically ORs the received
data-check byte with its own status and transmits it to the
next device. A PEC error detected by any device will set
the ALRTPEC bit in the STATUS register and, by exten-
sion, the ALRTPEC and ALRTSTATUS bits in the data-
check byte.
PEC Byte
The PEC byte is a CRC-8 packet-error check sent by
the host with all read and write commands. If any device
receives an invalid PEC byte, it sets the ALRTPEC bit in
the STATUS register. During any write transaction, a device
does not execute the write command internally unless the
received PEC matches the expected calculated value. For
read commands, the device must return its own calculated
PEC byte based on the returned data. The host should
verify that the received PEC byte matches the calculated
value and if an error is indicated, the data should be dis-
carded. See Applications Information section for details on
the PEC calculation.
Alive-Counter Byte
The alive-counter byte is the last data byte of the com-
mand packets (except HELLOALL) if the ALIVECNTEN
bit is set in the DEVCFG1 register. The host typically
transmits the alive-counter seed value as 00h, but any
value is permitted. For WRITEALL or READALL com-
mands, each device retransmits the alive counter, incre-
mented by one. For WRITEDEVICE or READDEVICE
commands, only the addressed device will increment it.
The alive counter is not used in the HELLOALL command.
If the alive counter reaches FFh, the next device incre-
ments it to 00h.
Since the alive counter comes after the PEC byte, an
incorrect PEC value does not affect the incrementing of
the alive-counter byte. Also, the PEC calculation does
not include the alive-counter byte. The host should verify
that the alive counter equals the original seed value + the
number of devices, considering that if the alive-counter
reaches FFh, the next device increments it to 00h.
Fill Bytes
In the READALL command, the host sends two fill bytes
for each device in the daisy-chain. The fill bytes are the
locations within the packet and are used by the device to
place the read data. The fill-byte values transmitted by the
MAX17841B interface alternate between C2h and D3h.
As the command packet propagates through the device,
the device overwrites the appropriate fill bytes with the
register data. The device uses the ADDRESS register to
determine which specific fill bytes in the packet are to be
overwritten.
For a READDEVICE command, only two fill bytes are
required since only one device responds (returning two
data bytes). Also, fill bytes are not required for write com-
mands because the data received is exactly the same as
the data retransmitted.
Table 26. Data-Check Byte
BIT
NAME
DESCRIPTION
7
ALRTPEC
ALRTPEC is set.
6
ALRTFMEA
ALRTFMEA1 or ALRTFMEA2 is set.
5
ALRTSTATUS
STATUS bit other than ALRTFMEA1, ALRTFMEA2, ALRTOV, and ALRTUV is set.
4
CHECK
Check bit. Value received is forwarded.
3
CHECK
Check bit. Value received is forwarded.
2
ALRTOV
ALRTOV is set.
1
ALRTUV
ALRTUV is set.
0
CHECK
Check bit. Value received is forwarded.
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com