Electronic Components Datasheet Search
  English  ▼

X  

MAX17843 Datasheet(PDF) 47 Page - Maxim Integrated Products

Part # MAX17843
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843 Datasheet(HTML) 47 Page - Maxim Integrated Products

Back Button MAX17843 Datasheet HTML 43Page - Maxim Integrated Products MAX17843 Datasheet HTML 44Page - Maxim Integrated Products MAX17843 Datasheet HTML 45Page - Maxim Integrated Products MAX17843 Datasheet HTML 46Page - Maxim Integrated Products MAX17843 Datasheet HTML 47Page - Maxim Integrated Products MAX17843 Datasheet HTML 48Page - Maxim Integrated Products MAX17843 Datasheet HTML 49Page - Maxim Integrated Products MAX17843 Datasheet HTML 50Page - Maxim Integrated Products MAX17843 Datasheet HTML 51Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 131 page
background image
Power-On Sequence
Once VSHNDL > 1.8V, the regulator is enabled. After VAA
reaches 3V (typ), the POR signal is deasserted, the oscil-
lators enabled, and the HV charge pump enabled. Once
the HV charge pump is stable, the logic is enabled. The
device is fully operational (standby mode) within 1ms from
the time communication is first received in the shutdown
mode. The power-on sequence is shown in Figure 24.
Figure 24. Power-On Sequence
VOLTAGE
APPLIED TO DCIN
DIE TEMP >
145°C
VAA <
VPOR_RISING
REGULATOR
DISABLED
32KHZ OSCILLATOR
ENABLED
CHECK DIE
TEMPERATURE
CHECK VAA
CHARGE PUMP AND
DIGITAL LOGIC
ENABLED
CHARGE PUMP
SETTLED
MAX17880 FULLY
FUNCTIONAL
470USEC
DELAY
3MS DELAY
REGULATOR ENABLED
ALRTRST BIT SET
CHECK SHDN\
SHDN/
ACTIVE
POR CLEARED
REGULATOR
DISABLED
DIE TEMP > 145°C
SHDN\ ACTIVE
STANDBY
MODE
YES
YES
SHUTDOWN
MODE
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com