Electronic Components Datasheet Search
  English  ▼

X  

MAX17843 Datasheet(PDF) 78 Page - Maxim Integrated Products

Part # MAX17843
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843 Datasheet(HTML) 78 Page - Maxim Integrated Products

Back Button MAX17843 Datasheet HTML 74Page - Maxim Integrated Products MAX17843 Datasheet HTML 75Page - Maxim Integrated Products MAX17843 Datasheet HTML 76Page - Maxim Integrated Products MAX17843 Datasheet HTML 77Page - Maxim Integrated Products MAX17843 Datasheet HTML 78Page - Maxim Integrated Products MAX17843 Datasheet HTML 79Page - Maxim Integrated Products MAX17843 Datasheet HTML 80Page - Maxim Integrated Products MAX17843 Datasheet HTML 81Page - Maxim Integrated Products MAX17843 Datasheet HTML 82Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 131 page
background image
HVMUX Switch Shorted Diagnostic
A shorted mux switch is detectable in two ways based on
corrupted measurement values. First, the ALTREF diag-
nostic reports a large error. Also, during normal cell mea-
surements, a shorted HVMUX switch causes the LSAMP
to saturate, which is also easily detectable
HVMUX Test Source Diagnostic
The two current sources attached to the HVMUX even
bus and the HVMUX odd bus can be enabled indepen-
dently instead of as a pair setting the MUXDIAGPAIR
bit. MUXDIAGBUS controls which source is enabled
(MUXDIAGBUS = 1 for odd bus source). This causes every
measurement to have a definable change as the sources
are enabled and disabled. By taking measurements while
alternating which current source is enabled, it is possible to
verify that each current source is working.
See Table 42 for HVMUX switch open diagnstics and Table
43 for HVMUX test-source diagnostic.
Note: NC = No change.
Note: I = Test source current, R = HVMUX resistance.
Table 42. HVMUX Switch Open Diagnostic
Table 43. HVMUX Test-Source Diagnostic
HVMUX SWITCH OPEN FAULT LOCATION
C0
C1
C2
C3
C4
C5
C6
C7
C8
C9
C10
C11
C12
Cell1
0V
5V
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
Cell2
NC
0V
5V
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
Cell3
NC
NC
0V
5V
NC
NC
NC
NC
NC
NC
NC
NC
NC
Cell4
NC
NC
NC
0V
5V
NC
NC
NC
NC
NC
NC
NC
NC
Cell5
NC
NC
NC
NC
0V
5V
NC
NC
NC
NC
NC
NC
NC
Cell6
NC
NC
NC
NC
NC
0V
5V
NC
NC
NC
NC
NC
NC
Cell7
NC
NC
NC
NC
NC
NC
0V
5V
NC
NC
NC
NC
NC
Cell8
NC
NC
NC
NC
NC
NC
NC
0V
5V
NC
NC
NC
NC
Cell9
NC
NC
NC
NC
NC
NC
NC
NC
0V
5V
NC
NC
NC
Cell10
NC
NC
NC
NC
NC
NC
NC
NC
NC
0V
5V
NC
NC
Cell11
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
0V
5V
NC
Cell12
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
0V
5V
HVMUX TEST-
SOURCE FAULT
EVEN TEST SOURCE
SHORTED TO HV
EVEN TEST SOURCE
OPEN CIRCUIT
ODD TEST SOURCE
SHORTED TO HV
ODD TEST SOURCE
OPEN CIRCUIT
Cell1:
0V
-I x R
5V
I x R
Cell2:
5V
I x R
0V
-I x R
Cell3:
0V
-I x R
5V
I x R
Cell4:
5V
I x R
0V
-I x R
Cell5:
0V
-I x R
5V
I x R
Cell6:
5V
I x R
0V
-I x R
Cell7:
0V
-I x R
5V
I x R
Cell8:
5V
I x R
0V
-I x R
Cell9:
0V
-I x R
5V
I x R
Cell10:
5V
I x R
0V
-I x R
Cell11:
0V
-I x R
5V
I x R
Cell12:
5V
I x R
0V
-I x R
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com