Electronic Components Datasheet Search
  English  ▼

X  

MAX17843 Datasheet(PDF) 67 Page - Maxim Integrated Products

Part # MAX17843
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843 Datasheet(HTML) 67 Page - Maxim Integrated Products

Back Button MAX17843 Datasheet HTML 63Page - Maxim Integrated Products MAX17843 Datasheet HTML 64Page - Maxim Integrated Products MAX17843 Datasheet HTML 65Page - Maxim Integrated Products MAX17843 Datasheet HTML 66Page - Maxim Integrated Products MAX17843 Datasheet HTML 67Page - Maxim Integrated Products MAX17843 Datasheet HTML 68Page - Maxim Integrated Products MAX17843 Datasheet HTML 69Page - Maxim Integrated Products MAX17843 Datasheet HTML 70Page - Maxim Integrated Products MAX17843 Datasheet HTML 71Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 131 page
background image
VAA Diagnostic Measurement
The VAA diagnostic measurement (DIAGSEL[2:0] =
0b010) verifies that VAA is within specification This diag-
nostic measures VREF using REF as the ADC reference.
VAA diagnostic for ADC1 is given by:
DIAG[15:2] = (3.3/5) x (16384d) = 10813d
VAA = (DIAG[15:2]/16384d) x 5V
VAA (for ADC1) =3.29V
The result for VAA should fall within the range provided in
the Electrical Characteristics table for VAA.
VAA diagnostic for ADC2 is given by:
DIAG[15:2] = (3.3 x (5/8)/2.307) x (16384d) = 14648d
VAA = (DIAG[15:2]/16384d) x 5V
VAA (for ADC2) = 4.47V
Figure 37. VAA Diagnostic ADC1
Figure 38. VAA Diagnostic ADC2
ADC IN -
ADC IN +
LV
MUX2
ADC2
REF
THRM
(5/8) x VAA
AGND
AGND
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com