Electronic Components Datasheet Search
  English  ▼

X  

MAX17843 Datasheet(PDF) 68 Page - Maxim Integrated Products

Part # MAX17843
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843 Datasheet(HTML) 68 Page - Maxim Integrated Products

Back Button MAX17843 Datasheet HTML 64Page - Maxim Integrated Products MAX17843 Datasheet HTML 65Page - Maxim Integrated Products MAX17843 Datasheet HTML 66Page - Maxim Integrated Products MAX17843 Datasheet HTML 67Page - Maxim Integrated Products MAX17843 Datasheet HTML 68Page - Maxim Integrated Products MAX17843 Datasheet HTML 69Page - Maxim Integrated Products MAX17843 Datasheet HTML 70Page - Maxim Integrated Products MAX17843 Datasheet HTML 71Page - Maxim Integrated Products MAX17843 Datasheet HTML 72Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 131 page
background image
LSAMP Offset Diagnostic Measurement
The LSAMP diagnostic measurement (DIAGSEL[2:0] =
0b011) measures the level-shift amplifier offset by short-
ing the LSAMP inputs during the diagnostic portion of the
acquisition. The result is available in the DIAG register
after a normal acquisition. For this measurement, the
ADC polarity is automatically set to bipolar mode to allow
accurate measurement of voltages near zero. This mea-
surement eliminates the chopping phase to preserve the
offset error. If the diagnostic measurement exceeds the
valid range for VOS_LSAMP, as specified in the Electrical
Characteristics table, the chopping function may not be
able to cancel out all the offset error, and the acquisition
accuracy could be degraded accordingly. See Figure 39
for LSAMP Offset Diagnostics
The LSAMP offset is computed from the result in the
DIAG register, as follows:
LSAMP Offset = ( | DIAG[15:2] - 2000h |/16384d ) x 5V
The validity of measurements through LSAMP is further
confirmed by the ALTREF and VAA diagnostics, and com-
parison of the VBLKP measurement to the sum of the cell
measurements.
Zero-Scale ADC Diagnostic Measurement
Stuck ADC output bits can be verified with a combination
of the zero-scale and full-scale diagnostics. The zero-
scale ADC diagnostic measurement (DIAGSEL[2:0] =
0b100) verifies that the ADC conversion results in 000h
when its input is at -VAA in bipolar mode (since for an
input ≤ -2.5V, DIAG[15:0] = 0000h). For this measure-
ment, the ADC is automatically set to bipolar mode (see
Figure 40).
Figure 39. LSAMP Offset Diagnostic
Figure 40. ADC Zero-Scale Diagnostic
+
-
LSAMP
HVMUX
BUS
ADC IN -
ADC IN +
LV
MUX
ADC
ADC AUTOMATICALLY
IN BIPOLAR MODE
G = 6/13
ADC IN -
ADC IN +
LV
MUX
ADC
REF
THRM
AGND
VAA
AGND
ADC AUTOMATICALLY
IN BIPOLAR MODE
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com