Electronic Components Datasheet Search
  English  ▼

X  

MAX17843 Datasheet(PDF) 100 Page - Maxim Integrated Products

Part # MAX17843
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843 Datasheet(HTML) 100 Page - Maxim Integrated Products

Back Button MAX17843 Datasheet HTML 96Page - Maxim Integrated Products MAX17843 Datasheet HTML 97Page - Maxim Integrated Products MAX17843 Datasheet HTML 98Page - Maxim Integrated Products MAX17843 Datasheet HTML 99Page - Maxim Integrated Products MAX17843 Datasheet HTML 100Page - Maxim Integrated Products MAX17843 Datasheet HTML 101Page - Maxim Integrated Products MAX17843 Datasheet HTML 102Page - Maxim Integrated Products MAX17843 Datasheet HTML 103Page - Maxim Integrated Products MAX17843 Datasheet HTML 104Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 131 page
background image
ADDRESS
POR
NAME
DESCRIPTION
0x2D
0000h
AUXIN1 measurement result
0x2E
0000h
AIN2
AUXIN2 measurement result
0x2F
0000h
TOTAL
Sum of all cell measurements
0x40
FFFCh
OVTHCLR
Cell overvoltage clear threshold
0x42
FFFCh
OVTHSET
Cell overvoltage set threshold
0x44
0000h
UVTHCLR
Cell undervoltage clear threshold
0x46
0000h
UVTHSET
Cell undervoltage set threshold
0x48
FFFCh
MSMTCH
Cell mismatch threshold
0x49
0000h
AINOT
AUXIN overtemperature threshold
0x4A
FFF0h
AINUT
AUXIN undertemperature threshold
0x4B
0000h
BALSHRTTHR
Balancing switch diagnostic, short-circuit threshold
0x4C
0000h
BALLOWTHR
Balancing switch diagnostic, on-state low threshold
0x4D
0000h
BALHIGHTHR
Balancing switch diagnostic, on-state high threshold
0x50
0000h
DIAG
Diagnostic measurement result
0x51
0000h
DIAGCFG
Diagnostic configuration
0x52
0000h
CTSTCFG
Test source configuration
0x57
0000h
ADCTEST1A
User-specified data for ALU diagnostic
0x58
0000h
ADCTEST1B
User-specified data for ALU diagnostic
0x59
0000h
ADCTEST2A
User-specified data for ALU diagnostic
0x5A
0000h
ADCTEST2B
User-specified data for ALU diagnostic
BIT
POR
NAME
DESCRIPTION
D15
843h
MOD[11:0]
Model number. Always reads 843h.
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
1h
VER[3:0]
Die version as below:
MAX17843 = 1h
D2
D1
D0
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 100
VERSION Register (address 0x00)
Register Map (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com