Electronic Components Datasheet Search
  English  ▼

X  

MAX17843 Datasheet(PDF) 99 Page - Maxim Integrated Products

Part # MAX17843
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843 Datasheet(HTML) 99 Page - Maxim Integrated Products

Back Button MAX17843 Datasheet HTML 95Page - Maxim Integrated Products MAX17843 Datasheet HTML 96Page - Maxim Integrated Products MAX17843 Datasheet HTML 97Page - Maxim Integrated Products MAX17843 Datasheet HTML 98Page - Maxim Integrated Products MAX17843 Datasheet HTML 99Page - Maxim Integrated Products MAX17843 Datasheet HTML 100Page - Maxim Integrated Products MAX17843 Datasheet HTML 101Page - Maxim Integrated Products MAX17843 Datasheet HTML 102Page - Maxim Integrated Products MAX17843 Datasheet HTML 103Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 131 page
background image
ADDRESS
POR
NAME
DESCRIPTION
0x00
xxxxh
VERSION
Device model and version
0x01
0000h
ADDRESS
Device addresses
0x02
8000h
STATUS
Status flags
0x03
0000h
FMEA1
Failure mode flags 1
0x04
0000h
ALRTCELL
Voltage-fault alert flags
0x05
0000h
ALRTOVCELL
Overvoltage alert flags
0x07
0000h
ALRTUVCELL
Undervoltage alert flags
0x08
0000h
ALRTBALSW
Balancing switch alert flags
0x0A
0F0Fh
MINMAXCELL
Cell number for the highest and lowest voltages measured
0x0B
0000h
FMEA2
Failure mode flags 2
0x0C
0000h
ADR
AUTOBALSWDIS Delay Register
0x0D
XXXXh
ID1
Device ID 1
0x0E
XXXXh
ID2
Device ID 2
0x10
1002h
DEVCFG1
Device configuration 1
0x11
0000h
GPIO
GPIO status and configuration
0x12
0000h
MEASUREEN
Measurement enables
0x13
0000h
SCANCTRL
Acquisition control and status
0x14
0000h
ALRTOVEN
Overvoltage alert enables
0x15
0000h
ALRTUVEN
Undervoltage alert enables
0x18
0000h
TIMERCFG
Timer configuration
0x19
0000h
ACQCFG
Acquisition configuration
0x1A
0000h
BALSWEN
Balancing switch enables
0x1B
0000h
DEVCFG2
Device configuration 2
0x1C
0000h
BALDIAGCFG
Balancing diagnostic configuration
0x1D
0000h
BALSWDCHG
Balancing switch discharge configuration
0x1E
000Ch
TOPCELL
Top cell configuration
0x20
0000h
CELL1
Cell 1 measurement result
0x21
0000h
CELL2
Cell 2 measurement result
0x22
0000h
CELL3
Cell 3 measurement result
0x23
0000h
CELL4
Cell 4 measurement result
0x24
0000h
CELL5
Cell 5 measurement result
0x25
0000h
CELL6
Cell 6 measurement result
0x26
0000h
CELL7
Cell 7 measurement result
0x27
0000h
CELL8
Cell 8 measurement result
0x28
0000h
CELL9
Cell 9 measurement result
0x29
0000h
CELL10
Cell 10 measurement result
0x2A
0000h
CELL11
Cell 11 measurement result
0x2B
0000h
CELL12
Cell 12 measurement result
0x2C
0000h
BLOCK
Block measurement result
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 99
Register Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com