Electronic Components Datasheet Search
  English  ▼

X  

ADRF6720 Datasheet(PDF) 39 Page - Analog Devices

Part # ADRF6720
Description  Wideband Quadrature Modulator with Integrated Fractional-N PLL and VCOs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6720 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADRF6720 Datasheet HTML 35Page - Analog Devices ADRF6720 Datasheet HTML 36Page - Analog Devices ADRF6720 Datasheet HTML 37Page - Analog Devices ADRF6720 Datasheet HTML 38Page - Analog Devices ADRF6720 Datasheet HTML 39Page - Analog Devices ADRF6720 Datasheet HTML 40Page - Analog Devices ADRF6720 Datasheet HTML 41Page - Analog Devices ADRF6720 Datasheet HTML 42Page - Analog Devices ADRF6720 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
Data Sheet
ADRF6720
Table 27. Bit Descriptions for MOD_CTL1
Bits
Bit Name
Settings
Description
Reset
Access
[15:8]
DCOFF_I
LO Nulling, I Channel.
0x0
RW
00000000
0 μA.
00000001
+5 μA.
00000010
+10 μA.
00000011
+15 μA.
…
…
01111110
+630 μA.
01111111
+635 μA.
10000000
0 μA.
10000001
−5 μA.
10000010
−10 μA.
10000011
−15 μA.
…
…
11111110
−630 μA.
11111111
−635 μA.
[7:0]
DCOFF_Q
LO Nulling, Q Channel.
0x0
RW
00000000
0 μA.
00000001
+5 μA.
00000010
+10 μA.
00000011
+15 μA.
…
…
01111110
+630 μA.
01111111
+635 μA.
10000000
0 μA.
10000001
−5 μA.
10000010
−10 μA.
10000011
−15 μA.
…
…
11111110
−630 μA.
11111111
−635 μA.
Address: 0x40, Reset: 0x0010, Name: PFD_CP_CTL
Rev. 0 | Page 39 of 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com