Electronic Components Datasheet Search
  English  ▼

X  

ADRF6720 Datasheet(PDF) 20 Page - Analog Devices

Part # ADRF6720
Description  Wideband Quadrature Modulator with Integrated Fractional-N PLL and VCOs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6720 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADRF6720 Datasheet HTML 16Page - Analog Devices ADRF6720 Datasheet HTML 17Page - Analog Devices ADRF6720 Datasheet HTML 18Page - Analog Devices ADRF6720 Datasheet HTML 19Page - Analog Devices ADRF6720 Datasheet HTML 20Page - Analog Devices ADRF6720 Datasheet HTML 21Page - Analog Devices ADRF6720 Datasheet HTML 22Page - Analog Devices ADRF6720 Datasheet HTML 23Page - Analog Devices ADRF6720 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
ADRF6720
Data Sheet
capture these effects correctly. In general, higher bandwidth
loops tend to lock more quickly than lower bandwidth loops.
The lock detect signal is available as one of the selectable
outputs through the MUXOUT pin, with a logic high signifying
that the loop is locked. The control bits for the MUXOUT pin
are the REF_MUX_SEL bits (Register 0x21[6:4]), and the
default configuration is for PLL lock detect.
Required PLL/VCO Settings and Register Write Sequence
In addition to writing to the necessary registers to configure the
PLL and VCO for the desired LO frequency and phase noise
performance, the registers listed in Table 9 are the required
registers to write.
To ensure that the PLL locks to the desired frequency, follow the
proper write sequence of the PLL registers. Configure the PLL
registers accordingly to achieve the desired frequency, and the
last writes must be to Register 0x02 (INT_DIV), Register 0x03
(FRAC_DIV), or Register 0x04 (MOD_DIV). When Register 0x02,
Register 0x03, and Register 0x04 are programmed, an internal
VCO calibration initiates, which is the last step to locking the
PLL.
Table 9. Required PLL/VCO Register Writes
Address
Bit Name
Setting
Description
0x21[3]
PFD_POLARITY
0x01
Negative polarity
0x49[13:0]
SET_1[13:9],
SET_0[8:0]
0x14B4
Internal settings
External LO Mode
Use the VCO_SEL bits (Register 0x22[2:0]) to select external or
internal LO mode. To configure for external LO mode, set
Register 0x22[2:0] to 4 decimal and apply the differential LO
signals to Pin 33 (LOIN−) and Pin 34 (LOIN+). The external
LO frequency range is 700 MHz to 3 GHz. When the polyphase
phase splitter is selected, a 1 × LO signal is required for the
active mixer, or a 2 × LO can be used with the internal
quadrature divider, as shown in Table 6.
There is also the option of using an external VCO with the
internal PLL. In this case, the PLL is enabled, but the VCO
blocks are turned off.
The LOIN+ and LOIN− input pins must be ac-coupled. When
not in use, leave the LOIN+ and LOIN− pins unconnected.
LO Polarity
The ADRF6720 offers the flexibility of specifying the
quadrature polarity on LO to the I channel or Q channel
mixers. This specification determines whether the LO is
injected above or below the RF frequency. RF frequency can
place either above or below the LO depending on the
Register 0x32[11:8] setting as well as the phase relationship
between the baseband I and Q. For normal operation and
characterization, the Register 0x32 settings are 2 decimal for POL_I
(Register 0x32[9:8]) and 1 decimal for POL_Q (Register 0x32,
Bits[11:10]). Setting Register 0x32 as such places the RF
frequency below the LO
(fRF < fLO) when Q leads I and places the RF frequency above the
LO (fRF > fLO) when I leads Q.
Table 10. LO Polarity Setting
Address
Bit
Name
Settings
Description
0x32[11:10]
POL_Q
Quadrature polarity
switch, Q channel
01
Inverted Q channel
polarity
10
Normal polarity
0x32[9:8]
POL_I
Quadrature polarity
switch, I channel.
01
Normal polarity
10
Inverted I channel
polarity
LO Outputs
The ADRF6720 can provide either a differential 1 × or 2 × LO
output signal at the LOOUT+ and LOOUT− pins (Pin 18 and
Pin 19, respectively). The availability of the LO signal makes it
possible to daisy-chain many devices. One ADRF6720 device
can serve as the master where the LO signal is sourced, and the
subsequent slave devices can share the same LO output signal
from the master.
When the quadrature LO signals are generated using the
quadrature divider, the output signal is available at either 2× or
1× the frequency of the LO signal at the mixer by setting
LO_DRV2X_EN bit(Register 0x1[8]) and DRVDIV2_EN bit
(Register 0x22[5]). However, 1× the frequency of the LO signal
in this case has a phase ambiguity of 180° relative to the LO
signal that drives the mixer core. Because of this phase
ambiguity, the utility of this 1 × LO output signal as a system
daisy-chained LO signal is compromised. To avoid this
ambiguity, a second 1× the frequency of the LO signal output is
made available after the quadrature divider. This second 1 × LO
output path is enabled by setting the LO_DRV1X_EN bit
(Register 0x01[7]) high.
When the quadrature LO signals are generated using the
polyphase phase splitter, the output signal is also available at 1×
the frequency of the LO signal by setting LO_DRV1X_EN bit
(Register 0x10[7]) high.
Set the output to different drive levels by accessing the
LO_DRV_LVL bits (Register 0x22[7:6]), as shown in Table 11.
Table 11. LO Output Level at 2140 MHz
LO_DRV_LVL (Register 0x22[7:6])
Amplitude (dBm)
00
−5.1
01
−0.5
10
3
Rev. 0 | Page 20 of 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com