Electronic Components Datasheet Search
  English  ▼

X  

ADRF6720 Datasheet(PDF) 18 Page - Analog Devices

Part # ADRF6720
Description  Wideband Quadrature Modulator with Integrated Fractional-N PLL and VCOs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6720 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADRF6720 Datasheet HTML 14Page - Analog Devices ADRF6720 Datasheet HTML 15Page - Analog Devices ADRF6720 Datasheet HTML 16Page - Analog Devices ADRF6720 Datasheet HTML 17Page - Analog Devices ADRF6720 Datasheet HTML 18Page - Analog Devices ADRF6720 Datasheet HTML 19Page - Analog Devices ADRF6720 Datasheet HTML 20Page - Analog Devices ADRF6720 Datasheet HTML 21Page - Analog Devices ADRF6720 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
ADRF6720
Data Sheet
Rev. 0 | Page 18 of 44
THEORY OF OPERATION
The ADRF6720 integrates a high performance broadband I/Q
modulator with a fractional-N PLL and low noise multicore
VCOs. The baseband inputs mix with the LO generated
internally or provided externally, and convert it to a single-
ended RF using an integrated RF balun. A block diagram of the
device is shown in Figure 1. The ADRF6720 is programmed via
an SPI.
LO GENERATION BLOCK
The ADRF6720 supports the use of both internal and external
LO signals for the mixers. The internal LO is generated by an
on-chip VCO, which is tunable over an octave frequency range
of 2850 MHz to 5710 MHz. The output of the VCO is phase-
locked to an external reference clock through a fractional-N
PLL that is programmable through the SPI control registers. To
produce in-phase and quadrature phase LO signals over the
356.25 MHz to 2855 MHz frequency range to drive the mixers,
steer the VCO outputs through a combination of frequency
dividers, as shown in Figure 42.
Alternatively, an external signal can be used with the dividers or
a polyphase phase splitter to generate the LO signals in
quadrature to the mixers. In demanding applications that
require the lowest possible phase noise performance, it may be
necessary to source the LO signal externally. The different
methods of quadrature LO generation and the control register
programming needed are listed in Table 6.
Internal LO Mode
For internal LO mode, the ADRF6720 uses the on-chip PLL and
VCO to synthesize the frequency of the LO signal. The PLL,
shown in Figure 42, consists of a reference path, phase and
frequency detector (PFD), charge pump, and a programmable
integer divider with prescaler. The reference path takes in a
reference clock and divides it down by a factor of 2, 4, or 8, or
multiplies it by a factor of 1 or 2, and then passes it to the PFD.
The PFD compares this signal to the divided down signal from
the VCO. Depending on the PFD polarity selected, the PFD
sends either an up or down signal to the charge pump if the
VCO signal is either slow or fast compared to the reference
frequency. The charge pump sends a current pulse to the off-
chip loop filter to increase or decrease the tuning voltage
(VTUNE).
The ADRF6720 integrates four VCO cores, covering an octave
range of 2850 MHz to 5710 MHz.
Table 6 lists the frequency range covered by each VCO. The
desired VCO can be selected by addressing the VCO_SEL bits at
Register 0x22[2:0].
The LO source and quadrature generation path can be selected
by setting the QUAD_DIV_EN bit (Register 0x01[9]) and the
LO_1XVCO_EN bit (Register 0x01[11]). The mode of the VCO
signal through a polyphase filter is intended to extend the
operating frequency with an internal VCO and is only useful for
baseband input frequencies high enough to prevent the RF
output from pulling the VCO.
Figure 42. LO Block Diagram
+
PFD
CHARGE
PUMP
QUAD
DIVIDER
CP
÷2
N=INT +
FRAC
MOD
POLYPHASE
FILTER
÷1, ÷2,
÷4
LOIN–
VTUNE
EXTERNAL
LOOP
FILTER
LPF
LOIN+
VCO_SEL
REG 0x22[2:0]
DIV8 _EN/
DIV4_EN
REG 0x22[4:3]
DIV_MODE: REG 0x02[11]
INT_DIV: REG 0x02[10:0]
FRAC_DIV: REG 0x03[15:0]
MOD_DIV: REG 0x04[15:0]
CP_CTL
REG 0x20[14:0]
×1
×2
÷8
÷4
÷2
REFIN
REF_SEL
REG 0x21[2:0]
PFD_POLARITY
REG 0x21[3]
TO MIXER
QUAD_DIV_EN
REG 0x01[9]
34
36
39
32
33
÷2
÷1,
LO_DRV2X_EN
DRVDIV2_EN
REG 0x22[5]
REG 0x01[8]
I+
Q+
Q–
I–
LO_DRV1X_EN
REG 0x01[7]
LOOUT+
LOOUT–
1
MUXOUT
LOCK_DET
VPTAT
REF_MUX_SEL
REG 0x21[6:4]
LO_1XVCO_EN
REG 0x01[11]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com