Electronic Components Datasheet Search
  English  ▼

X  

ADRF6720 Datasheet(PDF) 9 Page - Analog Devices

Part # ADRF6720
Description  Wideband Quadrature Modulator with Integrated Fractional-N PLL and VCOs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6720 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADRF6720 Datasheet HTML 5Page - Analog Devices ADRF6720 Datasheet HTML 6Page - Analog Devices ADRF6720 Datasheet HTML 7Page - Analog Devices ADRF6720 Datasheet HTML 8Page - Analog Devices ADRF6720 Datasheet HTML 9Page - Analog Devices ADRF6720 Datasheet HTML 10Page - Analog Devices ADRF6720 Datasheet HTML 11Page - Analog Devices ADRF6720 Datasheet HTML 12Page - Analog Devices ADRF6720 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
Data Sheet
ADRF6720
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 3. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
MUXOUT
Multiplexer Output. This output allows a digital lock detect signal, a voltage
proportional to absolute temperature (VPTAT), or a buffered, frequency-scaled
reference signal to be accessed externally. The output is selected by programming
Bits[6:4] in Register 0x21.
2, 10
GND
Baseband Ground.
3, 4
I+, I−
Differential In-Phase Baseband Inputs.
5, 7
GND
Mixer Core (I and Q) Ground.
6
VPOS1
3.3 V Supply Voltage for Baseband. Decouple VPOS1 with 100 pF and 0.1 µF
capacitors located close to the pin.
8, 9
Q−, Q+
Differential Quadrature Baseband Inputs.
11
VPOS2
3.3 V Supply Voltage for 2.5 V LDO. Decouple VPOS2 with 100 pF and 0.1 µF
capacitors located close to the pin.
12
DECL1
Decoupling Pin for 2.5 V LDO. Connect 100 pF, 0.1 µF, and 10 µF capacitors between
this pin and ground.
13
SDIO
Serial Data Input/Output for SPI.
14
SCLK
Serial Clock Input/Output for SPI.
15
CS
Chip Select Input/Output for SPI.
16
GND
Digital Ground.
17
VPOS3
3.3 V Supply Voltage for LO. Decouple VPOS3 with 100 pF and 0.1 µF capacitors
located close to the pin.
18, 19
LOOUT+, LOOUT−
Differential LO Outputs. Either the internally generated LO or external 1 × LO/2 × LO
is available at 1 × LO or 2 × LO on these pins.
20
GND
LO Ground.
21
NIC
Not Internally Connected. This pin can be left open or tied to RF ground.
22
VPOS4
3.3 V Supply Voltage for RF. Decouple VPOS4 with 100 pF and 0.1 µF capacitors
located close to the pin.
23, 25
GND
RF Ground.
24
RFOUT
Single-Ended 0 V DC RF Output.
26
VPOS5
3.3 V Supply Voltage for RF. Decouple VPOS5 with 100 pF and 0.1 µF capacitors
located close to the pin.
27
ENBL
Enables/Disables the Circuit Blocks. References the settings at Register 0x01 and
Register 0x10. Refer to the ENBL section for more information.
28
DECL2
Decoupling Pin for VCO LDO. Connect 100 pF, 0.1 µF, and 10 µF capacitors between
this pin and ground.
29
GND
VCO Ground.
1. NIC = NOT INTERNALLY CONNECTED.
MUXOUT
GND
I+
I–
GND
VPOS1
GND
Q+
Q–
GND
GND
RFOUT
GND
VPOS5
NIC
DECL2
GND
VPOS6
VPOS4
ENBL
NOTES
2. SOLDER THE EXPOSED PAD TO A LOW IMPEDANCE
GROUND PLANE.
1
2
3
4
5
6
7
8
9
10
23
24
25
26
27
28
29
30
22
21
ADRF6720
TOP VIEW
(Not to Scale)
Rev. 0 | Page 9 of 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com