Electronic Components Datasheet Search
  English  ▼

X  

ADRF6720 Datasheet(PDF) 8 Page - Analog Devices

Part # ADRF6720
Description  Wideband Quadrature Modulator with Integrated Fractional-N PLL and VCOs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6720 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADRF6720 Datasheet HTML 4Page - Analog Devices ADRF6720 Datasheet HTML 5Page - Analog Devices ADRF6720 Datasheet HTML 6Page - Analog Devices ADRF6720 Datasheet HTML 7Page - Analog Devices ADRF6720 Datasheet HTML 8Page - Analog Devices ADRF6720 Datasheet HTML 9Page - Analog Devices ADRF6720 Datasheet HTML 10Page - Analog Devices ADRF6720 Datasheet HTML 11Page - Analog Devices ADRF6720 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
ADRF6720
Data Sheet
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltage
−0.3 V to +3.6 V
I+, I−, Q+, Q−
−0.5 V to +1.5 V
LOIN+, LOIN−
16 dBm differential
REFIN
−0.3 V to +3.6 V
ENBL
−0.3 V to +3.6 V
VTUNE
−0.3 V to +3.6 V
CS, SCLK, SDIO
−0.3 V to +3.6 V
Maximum Junction Temperature
150°C
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θJA is thermal resistance, junction to ambient (°C/W), and θJC is
thermal resistance, junction to case (°C/W).
Table 4. Thermal Resistance
Package Type
θJA1
θJC1
Unit
40-Lead LFCSP
30.23
0.44
°C/W
1
See JEDEC standard JESD51-2 for information on optimizing thermal
impedance.
ESD CAUTION
Rev. 0 | Page 8 of 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com