Electronic Components Datasheet Search
  English  ▼

X  

ADRF6720 Datasheet(PDF) 10 Page - Analog Devices

Part # ADRF6720
Description  Wideband Quadrature Modulator with Integrated Fractional-N PLL and VCOs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6720 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADRF6720 Datasheet HTML 6Page - Analog Devices ADRF6720 Datasheet HTML 7Page - Analog Devices ADRF6720 Datasheet HTML 8Page - Analog Devices ADRF6720 Datasheet HTML 9Page - Analog Devices ADRF6720 Datasheet HTML 10Page - Analog Devices ADRF6720 Datasheet HTML 11Page - Analog Devices ADRF6720 Datasheet HTML 12Page - Analog Devices ADRF6720 Datasheet HTML 13Page - Analog Devices ADRF6720 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
ADRF6720
Data Sheet
Pin No.
Mnemonic
Description
30
VPOS6
3.3 V Supply Voltage for VCO LDO. Decouple VPOS6 with 100 pF and 0.1 µF
capacitors located close to the pin.
31
DECL3
Decoupling Pin for VCO LDO. Connect 100 pF, 0.1 µF, and 10 µF capacitors between
this pin and ground.
32
VTUNE
VCO Tuning Voltage.
33, 34
LOIN−, LOIN+
Differential External LO Inputs.
35
VPOS7
3.3 V Supply Voltage for Charge Pump. Decouple VPOS7 with 100 pF and 0.1 µF
capacitors located close to the pin.
36
CP
Charge Pump Output.
37
GND
Charge Pump Ground.
38
GND
PLL Reference Ground.
39
REFIN
PLL Reference Input.
40
VPOS8
3.3 V Supply Voltage for PLL Reference. Decouple VPOS8 with 100 pF and 0.1 µF
capacitors located close to the pin.
EP
Exposed Pad. Solder the exposed pad to a low impedance ground plane.
Rev. 0 | Page 10 of 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com