Electronic Components Datasheet Search
  English  ▼

X  

ADRF6720 Datasheet(PDF) 23 Page - Analog Devices

Part # ADRF6720
Description  Wideband Quadrature Modulator with Integrated Fractional-N PLL and VCOs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6720 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADRF6720 Datasheet HTML 19Page - Analog Devices ADRF6720 Datasheet HTML 20Page - Analog Devices ADRF6720 Datasheet HTML 21Page - Analog Devices ADRF6720 Datasheet HTML 22Page - Analog Devices ADRF6720 Datasheet HTML 23Page - Analog Devices ADRF6720 Datasheet HTML 24Page - Analog Devices ADRF6720 Datasheet HTML 25Page - Analog Devices ADRF6720 Datasheet HTML 26Page - Analog Devices ADRF6720 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
Data Sheet
ADRF6720
BASIC CONNECTIONS FOR OPERATION
Figure 44 shows the basic connections for operating the ADRF6720 as they are implemented on the evaluation board of the device.
Figure 44. Basic Connections for Operation (Loop Filter Set to 20 kHz)
POWER SUPPLY AND GROUNDING
Connect the power supply pins to a 3.3 V source; the pins can
range between 3.15 V and 3.45 V. Individually decouple the pins
using 100 pF and 0.1 µF capacitors located as close as possible
to the pins. Individually decouple the three internal decoupling
nodes (labeled DECL3, DECL2, and DECL1) with capacitors as
shown in Figure 44.
Tie the 11 GND pins to the same ground plane through low
impedance paths.
Solder the exposed pad on the underside of the package to a
ground plane with low thermal and electrical impedance. If the
ground plane spans multiple layers on the circuit board, stitch
them together under the exposed pad. The AN-772 Application
Note discusses the thermal and electrical grounding of the
LFCSP package in detail.
NOTES
1. NIC = NO INTERNAL CONNECTION.
VPOS1
0.1µF
(0402)
100pF
(0402)
0.1µF
(0402)
100pF
(0402)
0.1µF
(0402)
100pF
(0402)
0.1µF
(0402)
100pF
(0402)
0.1µF
(0402)
100pF
(0402)
0.1µF
(0402)
100pF
(0402)
0.1µF
(0402)
+3.3V
RED
10µF
(0805)
100pF
(0402)
0.1µF
(0402)
100pF
(0402)
VPOS7
VPOS6
VPOS5
VPOS4
VPOS2
VPOS3
VPOS8
I–
I+
125Ω
(0402)
Q–
Q+
125Ω
(0402)
REFIN
100pF
(0402)
49.9
Ω
(0402)
REF_IN
MUXOUT
(0402)
0Ω
100pF
(0402)
100pF
(0402)
EXT LO
4
3
1
6
VTUNE
C57
2700pF
(0402)
R12
300Ω
(0402)
C58
100nF
(0603)
C59
2700pF
(0402)
R26
820Ω
(0402)
C60
1500pF
(0402)
100pF
(0402)
100pF
(0402)
LOOUT
4
3
1
6
10µF
(0603)
0.1µF
(0402)
100pF
(0402)
CS
SCLK
SDIO
10µF
(0603)
0.1µF
(0402)
100pF
(0402)
10µF
(0603)
0.1µF
(0402)
100pF
(0402)
10k
Ω
(0402)
3.3V
S1
49.9Ω
(0402)
I+
GND
NIC
CS
CP
ADRF6720
REFIN
LDO
VCO
LDO
2.5V
SERIAL PORT
INTERFACE
LO NULLING
DAC
LO NULLING
DAC
PHASE
CORRECTION
PHASE
CORRECTION
×2
×1
÷2
÷4
÷8
LOCK_DET
VPTAT
CHARGE
PUMP
÷2
FRAC
MOD
N = INT +
0°
90°
POLYPHASE
FILTER
÷1, ÷2,
÷4
÷2
ENBL
1
9
8
4
3
40
35
30
26
22
17
27
24
18
19
15
14
13
31
28
12
11
6
39
32
2
5
7 10 16 20 23 25 29 37 38
36
33 34
21
RFOUT
LOOUT+
LOOUT–
SCLK
SDIO
DECL3
DECL2
DECL1
I–
Q–
Q+
PFD
R23
5.6Ω
(0402)
V TO I
V TO I
Rev. 0 | Page 23 of 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com