Electronic Components Datasheet Search
  English  ▼

X  

LMH6505 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6505
Description  Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6505 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LMH6505 Datasheet HTML 12Page - National Semiconductor (TI) LMH6505 Datasheet HTML 13Page - National Semiconductor (TI) LMH6505 Datasheet HTML 14Page - National Semiconductor (TI) LMH6505 Datasheet HTML 15Page - National Semiconductor (TI) LMH6505 Datasheet HTML 16Page - National Semiconductor (TI) LMH6505 Datasheet HTML 17Page - National Semiconductor (TI) LMH6505 Datasheet HTML 18Page - National Semiconductor (TI) LMH6505 Datasheet HTML 19Page - National Semiconductor (TI) LMH6505 Datasheet HTML 20Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Application Information (Continued)
Signal frequencies must not reach the gain control port of the
LMH6505, or the output signal will be distorted (modulated
by itself). A fast settling AGC needs additional filtering be-
yond the integrator stage to block signal frequencies. This is
provided in Figure 9 by a simple R-C filter (R
10 and C3);
better distortion performance can be achieved with a more
complex filter. These filters should be scaled with the input
signal frequency. Loops with slower response time, which
means longer integration time constants, may not need the
R
10 –C3 filter.
Checking the loop stability can be done by monitoring the V
G
voltage while applying a step change in input signal ampli-
tude. Changing the input signal amplitude can be easily
done with an arbitrary waveform generator.
AUTOMATIC GAIN CONTROL (AGC) #2
Figure 10 illustrates an automatic gain control circuit that
employs two LMH6505. In this circuit, U1 receives the input
signal and produces an output signal of constant amplitude.
U2 is configured to provide negative feedback. U2 generates
a rectified gain control signal that works against an adjust-
able bias level which may be set by the potentiometer and
R
B.CI integrates the bias and negative feedback. The result-
ant gain control signal is applied to the U1 gain control input
V
G. The bias adjustment allows the U1 output to be set at an
arbitrary level less than the maximum output specification of
the amplifier. Rectification is accomplished in U2 by driving
both the amplifier input and the gain control input with the U1
output signal. The voltage divider that is formed by R
1 and
R
2, sets the rectifier gain.
20171059
FIGURE 9. Automatic Gain Control Circuit #1
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com