Electronic Components Datasheet Search
  English  ▼

X  

LMH6505 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6505
Description  Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6505 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LMH6505 Datasheet HTML 8Page - National Semiconductor (TI) LMH6505 Datasheet HTML 9Page - National Semiconductor (TI) LMH6505 Datasheet HTML 10Page - National Semiconductor (TI) LMH6505 Datasheet HTML 11Page - National Semiconductor (TI) LMH6505 Datasheet HTML 12Page - National Semiconductor (TI) LMH6505 Datasheet HTML 13Page - National Semiconductor (TI) LMH6505 Datasheet HTML 14Page - National Semiconductor (TI) LMH6505 Datasheet HTML 15Page - National Semiconductor (TI) LMH6505 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Application Information
GENERAL DESCRIPTION
The key features of the LMH6505 are:
•
Low power
•
Broad voltage controlled gain and attenuation range
(From A
VMAX down to complete cutoff)
•
Bandwidth independent, resistor programmable gain
range (R
G)
•
Broad signal and gain control bandwidths
•
Frequency response may be adjusted with R
F
•
High impedance signal and gain control inputs
The LMH6505 combines a closed loop input buffer (“X1”
Block in Figure 1), a voltage controlled variable gain cell
(“MULT” Block) and an output amplifier (“CFA” Block). The
input buffer is a transconductance stage whose gain is set by
the gain setting resistor, R
G. The output amplifier is a current
feedback op amp and is configured as a transimpedance
stage whose gain is set by, and is equal to, the feedback
resistor, R
F. The maximum gain, AVMAX, of the LMH6505 is
defined by the ratio:K·R
F/RG where “K” is the gain multiplier
with a nominal value of 0.940. As the gain control input (V
G)
changes over its 0 to 2V range, the gain is adjusted over a
range of about 80 dB relative to the maximum set gain.
SETTING THE LMH6505 MAXIMUM GAIN
Eq. 1
Although the LMH6505 is specified at A
VMAX = 9.4 V/V, the
recommended A
VMAX varies between 2 and 100. Higher
gains are possible but usually impractical due to output
offsets, noise and distortion. When varying A
VMAX several
tradeoffs are made:
R
G: determines the input voltage range
R
F: determines overall bandwidth
The amount of current which the input buffer can source/sink
into R
G is limited and is given in the IRG_MAX specification.
This sets the maximum input voltage:
Eq. 2
As the I
RG_MAX limit is approached with increasing the input
voltage or with the lowering of R
G, the device’s harmonic
distortion will increase. Changes in R
F will have a dramatic
effect on the small signal bandwidth. The output amplifier of
the LMH6505 is a current feedback amplifier (CFA) and its
bandwidth is determined by R
F. As with any CFA, doubling
the feedback resistor will roughly cut the bandwidth of the
device in half. For more about CFA’s, see the basic tutorial,
OA-20, “Current Feedback Myths Debunked,” or a more
rigorous analysis, OA-13, “Current Feedback Amplifier Loop
Gain Analysis and Performance Enhancements.”
OTHER CONFIGURATIONS
1) Single Supply Operation
The LMH6505 can be configured for use in a single supply
environment. Doing so requires the following:
a) Bias pin 4 and R
G to a “virtual half supply” somewhere
close to the middle of V
+ and V− range. The other end of
R
G is tied to pin 3. The “virtual half supply” needs to be
capable of sinking and sourcing the expected current flow
through R
G.
b) Ensure that V
G can be adjusted from 0V to 2V above the
“virtual half supply”.
c) Bias the input (pin 2) to make sure that it stays within the
range of 2V above V
− to 2V below V+. See the Input
Voltage Range specification in the Electrical Characteris-
tics table. This can be accomplished by either DC biasing
the input and AC coupling the input signal, or alterna-
tively, by direct coupling if the output of the driving stage
is also biased to half supply.
Arranged this way, the LMH6505 will respond to the current
flowing through R
G. The gain control relationship will be
similar to the split supply arrangement with V
G measured
with reference to pin 4. Keep in mind that the circuit de-
scribed above will also center the output voltage to the
“virtual half supply voltage.”
2) Arbitrarily Referenced Input Signal
Having a wide input voltage range on the input (pin 2)
(±3V typical), the LMH6505 can be configured to control the
gain on signals which are not referenced to ground (e.g. Half
Supply biased circuits, etc.). We will call this node the “ref-
erence node”. In such cases, the other end of R
G which is
the side not tied to pin 3 can be tied to this reference node so
that R
G will “look at” the difference between the signal and
this reference only. Keep in mind that the reference node
needs to source and sink the current flowing through R
G.
20171047
FIGURE 1. LMH6505 Typical Application and Block
Diagram
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com