Electronic Components Datasheet Search
  English  ▼

X  

LMH6505 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6505
Description  Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6505 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMH6505 Datasheet HTML 1Page - National Semiconductor (TI) LMH6505 Datasheet HTML 2Page - National Semiconductor (TI) LMH6505 Datasheet HTML 3Page - National Semiconductor (TI) LMH6505 Datasheet HTML 4Page - National Semiconductor (TI) LMH6505 Datasheet HTML 5Page - National Semiconductor (TI) LMH6505 Datasheet HTML 6Page - National Semiconductor (TI) LMH6505 Datasheet HTML 7Page - National Semiconductor (TI) LMH6505 Datasheet HTML 8Page - National Semiconductor (TI) LMH6505 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance (Note 4)
Human Body Model
2000V
Machine Model
200V
Input Current
±10 mA
Output Current
120 mA (Note 3)
Supply Voltages (V
+ -V−)
12.6V
Voltage at Input/ Output pins
V
+ +0.8V, V− −0.8V
Storage Temperature Range
−65˚C to 150˚C
Junction Temperature
150˚C
Soldering Information:
Infrared or Convection (20 sec)
235˚C
Wave Soldering (10 sec)
260˚C
Operating Ratings (Note 1)
Supply Voltages (V
+ -V−)
7Vto12V
Operating Temperature Range
−40˚C to +85˚C
Thermal Resistance:
(
θ
JC)(
θ
JA)
8 -Pin SOIC
60
165
8-Pin MSOP
65
235
Electrical Characteristics(Note 2)
Unless otherwise specified, all limits are guaranteed for T
J = 25˚C, VS = ±5V, AVMAX = 9.4 V/V, RF =1k
Ω,R
G = 100
Ω,V
IN =
±0.1V, R
L = 100
Ω,V
G = +2V. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 6)
Max
(Note 6)
Units
Frequency Domain Response
BW
−3 dB Bandwidth
V
OUT < 1VPP
150
MHz
V
OUT < 4VPP,AVMAX = 100
38
GF
Gain Flatness
V
OUT < 1VPP
0.9V
≤ V
G
≤ 2V, ±0.2 dB
40
MHz
Att Range
Flat Band (Relative to Max Gain)
Attenuation Range (Note 13)
±0.2 dB Flatness, f < 30 MHz
26
dB
±0.1 dB Flatness, f < 30 MHz
9.5
BW
Control
Gain control Bandwidth
V
G = 1V (Note 12)
100
MHz
CT (dB)
Feed-through
V
G = 0V, 30 MHz
(Output/Input)
−51
dB
GR
Gain Adjustment Range
f < 10 MHz
80
dB
f < 30 MHz
71
Time Domain Response
t
r,tf
Rise and Fall Time
0.5V Step
2.1
ns
OS %
Overshoot
10
%
SR
Slew Rate (Note 5)
Non Inverting
900
V/µs
Inverting
1500
Distortion & Noise Performance
HD2
2
nd Harmonic Distortion
2V
PP, 20 MHz
−47
dBc
HD3
3
rd Harmonic Distortion
–61
THD
Total Harmonic Distortion
−45
En tot
Total Equivalent Input Noise
f > 1 MHz, R
SOURCE =50
Ω
4.4
nV/
I
N
Input Noise Current
f > 1 MHz
2.6
pA/
DG
Differential Gain
f = 4.43 MHz, R
L = 100
Ω
0.30
%
DP
Differential Phase
0.15
deg
DC & Miscellaneous Performance
GACCU
Gain Accuracy
(See Application Information)
V
G = 2.0V
0
±0.50
dB
0.8V < V
G < 2V
+0.1/−0.53
+4.3/−3.9
G Match
Gain Matching
(See Application Information)
V
G = 2.0V
—
±0.50
dB
0.8V < V
G < 2V
—
+4.2/−4.0
K
Gain Multiplier
(See Application Information)
0.890
0.830
0.940
0.990
1.04
V/V
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com