Electronic Components Datasheet Search
  English  ▼

X  

LMH6505 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6505
Description  Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6505 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LMH6505 Datasheet HTML 12Page - National Semiconductor (TI) LMH6505 Datasheet HTML 13Page - National Semiconductor (TI) LMH6505 Datasheet HTML 14Page - National Semiconductor (TI) LMH6505 Datasheet HTML 15Page - National Semiconductor (TI) LMH6505 Datasheet HTML 16Page - National Semiconductor (TI) LMH6505 Datasheet HTML 17Page - National Semiconductor (TI) LMH6505 Datasheet HTML 18Page - National Semiconductor (TI) LMH6505 Datasheet HTML 19Page - National Semiconductor (TI) LMH6505 Datasheet HTML 20Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Application Information (Continued)
USING THE LMH6505 IN AGC APPLICATIONS
In AGC applications, the control loop forces the LMH6505 to
have a fixed output amplitude. The input amplitude will vary
over a wide range and this can be the issue that limits
dynamic range. At high input amplitudes, the distortion due
to the input buffer driving R
G may exceed that which is
produced by the output amplifier driving the load. In the plot,
THD vs. Gain, total harmonic distortion (THD) is plotted over
a gain range of nearly 35 dB for a fixed output amplitude of
0.25 V
PP
in the specified configuration, R
F
=1k
Ω,
R
G = 100
Ω. When the gain is adjusted to −15 dB (i.e. 35 dB
down from A
VMAX), the input amplitude would be 1.41 VPP
and we can see the distortion is at its worst at this gain. If the
output amplitude of the AGC were to be raised above 0.25
V
PP, the input amplitudes for gains 40 dB down from AVMAX
would be even higher and the distortion would degrade
further. It is for this reason that we recommend lower output
amplitudes if wide gain ranges are desired. Using a post-
amp like the LMH6714/LMH6720/LMH6722 family or the
LMH6702 would be the best way to preserve dynamic range
and yield output amplitudes much higher than 100 mV
PP.
Another way of addressing distortion performance and its
limitations on dynamic range, would be to raise the value of
R
G. Just like any other high-speed amplifier, by increasing
the load resistance, and therefore decreasing the demanded
load current, the distortion performance will be improved in
most cases. With an increased R
G,RF will also have to be
increased to keep the same A
VMAX and this will decrease the
overall bandwidth. It may be possible to insert a series RC
combination across R
F in order to counteract the negative
effect on BW when a large R
F is used.
AUTOMATIC GAIN CONTROL (AGC) #1
Fast Response AGC Loop
The AGC circuit shown in Figure 9 will correcta6dB input
amplitude step in 100 ns. The circuit includes a two op amp
precision rectifier amplitude detector (U1 and U2), and an
integrator (U3) to provide high loop gain at low frequencies.
The output amplitude is set by R
9. The following are some
suggestions for building fast AGC loops: Precision rectifiers
work best with large output signals. Accuracy is improved by
blocking DC offsets, as shown in Figure 9.
20171058
FIGURE 8. Digital Gain Control
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com