Electronic Components Datasheet Search
  English  ▼

X  

LMH6505 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6505
Description  Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6505 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMH6505 Datasheet HTML 1Page - National Semiconductor (TI) LMH6505 Datasheet HTML 2Page - National Semiconductor (TI) LMH6505 Datasheet HTML 3Page - National Semiconductor (TI) LMH6505 Datasheet HTML 4Page - National Semiconductor (TI) LMH6505 Datasheet HTML 5Page - National Semiconductor (TI) LMH6505 Datasheet HTML 6Page - National Semiconductor (TI) LMH6505 Datasheet HTML 7Page - National Semiconductor (TI) LMH6505 Datasheet HTML 8Page - National Semiconductor (TI) LMH6505 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Electrical Characteristics(Note 2) (Continued)
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but specific performance is not guaranteed. For guaranteed specifications, see the Electrical Characteristics.
Note 2: Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very limited self-heating of
the device such that TJ =TA. No guarantee of parametric performance is indicated in the Electrical Tables under conditions of internal self-heating where TJ > TA.
Note 3: The maximum output current (IOUT) is determined by device power dissipation limitations or value specified, whichever is lower.
Note 4: Human Body Model is 1.5 k
Ω in series with 100 pF. Machine Model is 0Ω in series with 200 pF
Note 5: Slew rate is the average of the rising and falling slew rates.
Note 6: Typical values represent the most likely parametric norm. Bold numbers refer to over temperature limits.
Note 7: Positive current corresponds to current flowing into the device.
Note 8: Drift is determined by dividing the change in parameter distribution at temperature extremes by the total temperature change.
Note 9: +PSRR definition: [|
∆VOUT/∆V+|/ AV], −PSRR definition: [|∆VOUT/∆V−|/ AV] with 0.1V input voltage. ∆VOUT is the change in output voltage with offset shift
subtracted out.
Note 10: Gain/Phase normalized to low frequency value at 25˚C.
Note 11: Gain/Phase normalized to low frequency value at each setting.
Note 12: Gain control frequency response schematic:
20171016
Note 13: Flat Band Attenuation (Relative To Max Gain) Range Definition: Specified as the attenuation range from maximum which allows gain flatness specified
(either ±0.2dB or ±0.1dB), relative to AVMAX gain. For example, for f < 30 MHz, here are the Flat Band Attenuation ranges:
±0.2 dB: 19.7 dB down to -6.3 dB = 26 dB range
±0.1 dB: 19.7 dB down to 10.2 dB = 9.5 dB range
Connection Diagram
8-Pin SOIC
20171001
Top View
Ordering Information
Package
Part Number
Package Marking
Transport Media
NSC Drawing
8-Pin SOIC
LMH6505MA
LMH6505MA
95 Units/Rail
M08A
LMH6505MAX
2.5k Units Tape and Reel
8-Pin MSOP
LMH6505MM
A93A
1k Units Tape and Reel
MUA08A
LMH6505MMX
3.5k Units Tape and Reel
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com