Electronic Components Datasheet Search
  English  ▼

X  

LMH6505 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6505
Description  Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6505 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMH6505 Datasheet HTML 1Page - National Semiconductor (TI) LMH6505 Datasheet HTML 2Page - National Semiconductor (TI) LMH6505 Datasheet HTML 3Page - National Semiconductor (TI) LMH6505 Datasheet HTML 4Page - National Semiconductor (TI) LMH6505 Datasheet HTML 5Page - National Semiconductor (TI) LMH6505 Datasheet HTML 6Page - National Semiconductor (TI) LMH6505 Datasheet HTML 7Page - National Semiconductor (TI) LMH6505 Datasheet HTML 8Page - National Semiconductor (TI) LMH6505 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LMH6505
Wideband, Low Power, Linear-in-dB, Variable Gain
Amplifier
General Description
The LMH6505 is a wideband DC coupled voltage controlled
gain stage followed by a high-speed current feedback op
amp which can directly drive a low impedance load. The gain
adjustment range is 80 dB for up to 10 MHz which is accom-
plished by varying the gain control input voltage, V
G.
Maximum gain is set by external components, and the gain
can be reduced all the way to cut-off. Power consumption is
110 mW with a speed of 150 MHz and a gain control band-
width (BW) of 100 MHz. Output referred DC offset voltage is
less than 55 mV over the entire gain control voltage range.
Device-to-device gain matching is within ±0.5 dB at maxi-
mum gain. Furthermore, gain is tested and guaranteed over
a wide range. The output current feedback op amp allows
high frequency large signals (Slew Rate = 1500 V/µs) and
can also drive a heavy load current (60 mA) guaranteed.
Near ideal input characteristics (i.e. low input bias current,
low offset, low pin 3 resistance) enable the device to be
easily configured as an inverting amplifier as well.
To provide ease of use when working with a single supply,
the V
G range is set to be from 0V to +2V relative to the
ground pin potential (pin 4). V
G input impedance is high in
order to ease drive requirement. In single supply operation,
the ground pin is tied to a "virtual" half supply.
The LMH6505’s gain control is linear in dB for a large portion
of the total gain control range from 0 dB down to −85 dB @
25˚C, as shown below. This makes the device suitable for
AGC applications. For linear gain control applications, see
the LMH6503 datasheet.
The LMH6505 is available in either the SOIC-8 or the
MSOP-8 package. The combination of minimal external
components
and
small
outline
packages
allows
the
LMH6505 to be used in space-constrained applications.
Features
V
S = ±5V, TA = 25˚C, RF =1k
Ω,R
G = 100
Ω,R
L = 100
Ω,A
V
=A
VMAX = 9.4 V/V, Typical values unless specified.
n
−3 dB BW
150 MHz
n
Gain control BW
100 MHz
n
Adjustment range (<10 MHz)
80 dB
n
Gain matching (limit)
±0.50 dB
n
Supply voltage range
7V to 12V
n
Slew rate (inverting)
1500 V/µs
n
Supply current (no load)
11 mA
n
Linear output current
±60 mA
n
Output voltage swing
±2.4V
n
Input noise voltage
4.4 nV/
n
Input noise current
2.6 pA/
n
THD (20 MHz, R
L = 100
Ω,V
O =2VPP)
−45 dBc
Applications
n
Variable attenuator
n
AGC
n
Voltage controlled filter
n
Video imaging processing
20171011
Gain vs. V
G
Typical Application
20171002
A
VMAX = 9.4 V/V
January 2006
© 2006 National Semiconductor Corporation
DS201710
www.national.com


Similar Part No. - LMH6505

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
LMH6505 INTERSIL-LMH6505 Datasheet
715Kb / 18P
Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
December 14, 2007
logo
Texas Instruments
LMH6505 TI1-LMH6505 Datasheet
1Mb / 30P
LMH6505 Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
LMH6505 TI2-LMH6505 Datasheet
942Kb / 34P
LMH6505 Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
REVISED APRIL 2013
logo
Intersil Corporation
LMH6505MA INTERSIL-LMH6505MA Datasheet
715Kb / 18P
Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
December 14, 2007
logo
Texas Instruments
LMH6505MA/NOPB TI1-LMH6505MA/NOPB Datasheet
1Mb / 30P
LMH6505 Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
More results

Similar Description - LMH6505

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6502 NSC-LMH6502 Datasheet
941Kb / 19P
Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
LMH6503 NSC-LMH6503 Datasheet
1,009Kb / 20P
Wideband, Low Power, Linear Variable Gain Amplifier
logo
Intersil Corporation
LMH6505 INTERSIL-LMH6505 Datasheet
715Kb / 18P
Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
December 14, 2007
logo
Texas Instruments
VCA821 TI1-VCA821_12 Datasheet
1Mb / 37P
Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA820IDGSRG4 TI-VCA820IDGSRG4 Datasheet
1Mb / 37P
Wideband, > 40dB Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA820IDGSR TI-VCA820IDGSR Datasheet
1Mb / 37P
Wideband, 40dB Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
LMH6503MAX TI-LMH6503MAX Datasheet
1Mb / 33P
LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
VCA821IDGSRG4 TI1-VCA821IDGSRG4 Datasheet
1Mb / 38P
Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
LMH6502 TI-LMH6502_15 Datasheet
1Mb / 29P
LMH6502 Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
LMH6505 TI1-LMH6505 Datasheet
1Mb / 30P
LMH6505 Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com