Electronic Components Datasheet Search
  English  ▼

X  

LMH6505 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6505
Description  Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6505 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LMH6505 Datasheet HTML 11Page - National Semiconductor (TI) LMH6505 Datasheet HTML 12Page - National Semiconductor (TI) LMH6505 Datasheet HTML 13Page - National Semiconductor (TI) LMH6505 Datasheet HTML 14Page - National Semiconductor (TI) LMH6505 Datasheet HTML 15Page - National Semiconductor (TI) LMH6505 Datasheet HTML 16Page - National Semiconductor (TI) LMH6505 Datasheet HTML 17Page - National Semiconductor (TI) LMH6505 Datasheet HTML 18Page - National Semiconductor (TI) LMH6505 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Application Information (Continued)
The resistors R
S,RI,RO, and RT are equal to the character-
istic impedance, Z
O, of the transmission line or cable. Use
C
O to match the output transmission line over a greater
frequency range. It compensates for the increase of the op
amp’s output impedance with frequency.
MINIMIZING PARASITIC EFFECTS ON SMALL SIGNAL
BANDWIDTH
The best way to minimize parasitic effects is to use surface
mount components and to minimize lead lengths and com-
ponent distance from the LMH6505. For designs utilizing
through-hole components, specifically axial resistors, resis-
tor self-capacitance should be considered. For example, the
average magnitude of parasitic capacitance of RN55D 1%
metal film resistors is about 0.15 pF with variations of as
much as 0.1 pF between lots. Given the LMH6505’s ex-
tended bandwidth, these small parasitic reactance variations
can cause measurable frequency response variations in the
highest octave. We therefore recommend the use of surface
mount resistors to minimize these parasitic reactance ef-
fects.
RECOMMENDATIONS
Here are some recommendations to avoid problems and to
get the best performance:
•
Do not place a capacitor across R
F. However, an appro-
priately chosen series RC combination can be used to
shape the frequency response.
•
Keep traces connecting R
F separated and as short as
possible.
•
Place a small resistor (20-50
Ω) between the output and
C
L.
•
Cut away the ground plane, if any, under R
G.
•
Keep decoupling capacitors as close as possible to the
LMH6505.
•
Connect pin 2 through a minimum resistance of 25
Ω.
ADJUSTING OFFSETS AND DC LEVEL SHIFTING
Offsets can be broken into two parts: an input-referred term
and an output-referred term. These errors can be trimmed
using the circuit in Figure 7. First set V
G to 0V and adjust the
trim pot R
4 to null the offset voltage at the output. This will
eliminate the output stage offsets. Next set V
G to 2V and
adjust the trim pot R
1 to null the offset voltage at the output.
This will eliminate the input stage offsets.
DIGITAL GAIN CONTROL
Digitally variable gain control can be easily realized by driv-
ing the LMH6505 gain control input with a digital-to-analog
converter (DAC). Figure 8 illustrates such an application.
This circuit employs National Semiconductor’s eight-bit
DAC0830, the LMC8101 MOS input op amp (Rail-to-Rail
Input/Output), and the LMH6505 VGA. With V
REF set to 2V,
the circuit provides up to 80 dB of gain control in 256 steps
with up to 0.05% full scale resolution. The maximum gain of
this circuit is 20 dB.
20171056
FIGURE 6. Transmission Line Matching
20171057
FIGURE 7. Offset Adjust Circuit
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com