Electronic Components Datasheet Search
  English  ▼

X  

AY1 Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # AY1
Description  Automotive Grade AC Line Rated Ceramic Disc Capacitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

AY1 Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  AY1 Datasheet HTML 1Page - M-System Co.,Ltd. AY1 Datasheet HTML 2Page - M-System Co.,Ltd. AY1 Datasheet HTML 3Page - M-System Co.,Ltd. AY1 Datasheet HTML 4Page - M-System Co.,Ltd. AY1 Datasheet HTML 5Page - M-System Co.,Ltd. AY1 Datasheet HTML 6Page - M-System Co.,Ltd. AY1 Datasheet HTML 7Page - M-System Co.,Ltd. AY1 Datasheet HTML 8Page - M-System Co.,Ltd. AY1 Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AY1 Series
www.vishay.com
Vishay BCcomponents
Revision: 22-Mar-2021
5
Document Number: 28563
For technical questions, contact: cdc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MARKING
PERFORMANCE
NO.
ITEMS
SPECIFICATION
TEST METHOD
1
Visual and mechanical examination
No visible damage.
The marking shall be legible.
Dimensions are within specification.
Capacitors shall be visually inspected for
visible evidence of defect.
Dimensions shall be measured with
calipers or micrometers.
2
Capacitance
Within the specified tolerance.
The capacitance shall be measured
at 25 °C ± 3 °C, 75 % RH maximum with
1.0 VRMS ± 0.2 VRMS, 1 kHz.
3
Dissipation factor (D.F.)
2.5 % max.
The dissipation factor shall be measured
at 25 °C ± 3 °C, 75 % RH maximum with
1.0 VRMS ± 0.2 VRMS, 1 kHz.
4
Insulation resistance (I.R.)
10 G
Ω min.
Insulation resistance shall be measured
within 60 s ± 5 s of charging at 500 VDC.
5
Dielectric strength
(between lead wires)
No damage.
4000 VAC are applied for 60 s.
50 mA max. (destructive test)
6
Temperature characteristic
Within specification.
The capacitance shall be measured at
each step specified in table below.
The capacitance change from the value of
step 3 shall not exceed the limit specified.
Step
Temperature
1
25 °C ± 3 °C
2
-30 °C ± 3 °C
3
25 °C ± 3 °C
4
85 °C ± 3 °C
5
25 °C ± 3 °C
7High
temperature
operation life
External appearance
No visible damage.
The marking shall be legible.
The specimen capacitors shall be
submitted to an endurance test of
1000 h + 48 h / - 0 h in a chamber at
125 °C ± 3 °C with a voltage of 760 VAC.
Pre-treatment: capacitor shall be backed
at 125 °C ± 3 °C for 1 h before initial
measurements.
Post-treatment: capacitors shall be
placed at room condition for 24 h ± 2 h
before measurements.
Capacitance change
± 15 % max.
Dissipation factor
5 % max. at 1 V, 1 kHz
Insulation resistance
3 G
Ω min. at 500 VDC, 60 s
Dielectric strength
(between lead wires)
No failure at 4000 VAC, 60 s
AY1 472M
Y1 500 V~
X1 760 V~
XX
ΔΔ
10
XX - Year
ΔΔ - Week
Front
Sample
(2 sides)
Back



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com