Electronic Components Datasheet Search
  English  ▼

X  

AY1 Datasheet(PDF) 8 Page - M-System Co.,Ltd.

Part # AY1
Description  Automotive Grade AC Line Rated Ceramic Disc Capacitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

AY1 Datasheet(HTML) 8 Page - M-System Co.,Ltd.

Back Button AY1 Datasheet HTML 4Page - M-System Co.,Ltd. AY1 Datasheet HTML 5Page - M-System Co.,Ltd. AY1 Datasheet HTML 6Page - M-System Co.,Ltd. AY1 Datasheet HTML 7Page - M-System Co.,Ltd. AY1 Datasheet HTML 8Page - M-System Co.,Ltd. AY1 Datasheet HTML 9Page - M-System Co.,Ltd. AY1 Datasheet HTML 10Page - M-System Co.,Ltd. AY1 Datasheet HTML 11Page - M-System Co.,Ltd. AY1 Datasheet HTML 12Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AY1 Series
www.vishay.com
Vishay BCcomponents
Revision: 22-Mar-2021
8
Document Number: 28563
For technical questions, contact: cdc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
14
Solderability
External appearance
95 % of terminations evenly covered
with solder under 10 x magnification.
Method A at category 3, steam aging
for 8 h ± 15 min.
Solder and temperature:
a) Lead (Pb)-free solder
(Sn-3Ag-0.5Cu) 245 °C ± 5 °C
b) H63 eutectic solder 235 °C ± 5 °C
dip lead wire into an ethanol solution
of 25 % ± 0.5 % rosin and then into
molten solder for 5 s + 0 s / - 0.5 s.
Depth of immersion within 1.25 mm,
immerse and withdraw at 25 mm/s ±
6 mm/s
15
Vibration test
Visual
No visible damage.
The marking shall be legible.
Solder the capacitor and gum up the body
to the test jig by resin (adhesive).
The capacitor should be firmly soldered to
the supporting lead wire.
Vibration change from 10 Hz to 2000 Hz,
then back to 10 Hz.
Total amplitude: 1.5 mm with 5 g max.,
12 cycles, 20 min for each mutually
perpendicular directions, 3 directions.
Capacitance change
Within ± 10 %
Dissipation factor
5 % max. at 1 V, 1 kHz
Insulation resistance
10 G
Ω min. at 500 VDC, 60 s
16
Mechanical
shock
External appearance
No visible damage.
The marking shall be legible.
Solder the capacitor and gum up the body
to the test jig by resin (adhesive).
3 shocks in 2 directions should be
applied, totally 3 mutually perpendicular
axes, 18 shocks.
Shock from: half-sine
Duration: 6 ms
Acceleration: 100 g
Capacitance change
Within the specified tolerance.
Dissipation factor
5 % max. at 1 V, 1 kHz
Insulation resistance
10 G
Ω min. at 500 VDC, 60 s
17
Resistance to
solvents
External appearance
No visible damage.
The marking shall be legible.
Leave parts in solvent for 3 to 8 min at
25 °C ± 5 °C, 1 min air-drying
Rub parts against wet bristle 10 times
(3 x for marking, 10 x for part damage)
Solvent 1:
1 part (by volume) of isopropyl alcohol,
3 parts (by volume) of mineral spirits
Solvent 2:
Terpene defluxer
Solvent 3:
42 parts (by volume) of water, 1 part (by
volume) of propylene glycol, 1 part (by
volume) of monoethanolomine
PERFORMANCE
NO.
ITEMS
SPECIFICATION
TEST METHOD
Resin (adhesive)
Resin (adhesive)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com