Electronic Components Datasheet Search
  English  ▼

X  

AY1 Datasheet(PDF) 10 Page - M-System Co.,Ltd.

Part # AY1
Description  Automotive Grade AC Line Rated Ceramic Disc Capacitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

AY1 Datasheet(HTML) 10 Page - M-System Co.,Ltd.

Back Button AY1 Datasheet HTML 4Page - M-System Co.,Ltd. AY1 Datasheet HTML 5Page - M-System Co.,Ltd. AY1 Datasheet HTML 6Page - M-System Co.,Ltd. AY1 Datasheet HTML 7Page - M-System Co.,Ltd. AY1 Datasheet HTML 8Page - M-System Co.,Ltd. AY1 Datasheet HTML 9Page - M-System Co.,Ltd. AY1 Datasheet HTML 10Page - M-System Co.,Ltd. AY1 Datasheet HTML 11Page - M-System Co.,Ltd. AY1 Datasheet HTML 12Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AY1 Series
www.vishay.com
Vishay BCcomponents
Revision: 22-Mar-2021
10
Document Number: 28563
For technical questions, contact: cdc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ESD TEST METHOD
Notes
• DC means “direct contact discharge”
•AC means “air discharge”
• Classify the components according to the highest ESD voltage level survived during ESD testing
6 kV
Direct Contact
2 kV
Direct Contact
1 kV
Direct Contact
500 V
Direct Contact
1 kV
DC
2 kV
DC
4 kV
DC
4 kV
Direct Contact
12 kV
Air Discharge
< 500 V
DC
500 V
DC
FAIL
PASS
FAIL
PASS
FAIL
PASS
FAIL
PASS
8 kV
Direct Contact
6 kV
DC
8 kV
DC
12 kV
AD
25 kV
Air Discharge
16 kV
Air Discharge
16 kV
AD
≥ 25 kV
AD
FAIL
PASS
FAIL
PASS
FAIL
PASS
FAIL
PASS
FAIL
PASS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com