Electronic Components Datasheet Search
  English  ▼

X  

AY1 Datasheet(PDF) 7 Page - M-System Co.,Ltd.

Part # AY1
Description  Automotive Grade AC Line Rated Ceramic Disc Capacitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

AY1 Datasheet(HTML) 7 Page - M-System Co.,Ltd.

Back Button AY1 Datasheet HTML 3Page - M-System Co.,Ltd. AY1 Datasheet HTML 4Page - M-System Co.,Ltd. AY1 Datasheet HTML 5Page - M-System Co.,Ltd. AY1 Datasheet HTML 6Page - M-System Co.,Ltd. AY1 Datasheet HTML 7Page - M-System Co.,Ltd. AY1 Datasheet HTML 8Page - M-System Co.,Ltd. AY1 Datasheet HTML 9Page - M-System Co.,Ltd. AY1 Datasheet HTML 10Page - M-System Co.,Ltd. AY1 Datasheet HTML 11Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AY1 Series
www.vishay.com
Vishay BCcomponents
Revision: 22-Mar-2021
7
Document Number: 28563
For technical questions, contact: cdc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
11
Biased
humidity
External appearance
No visible damage.
The marking shall be legible.
Loading voltage: 760 VAC
Ambient temperature: 85 °C ± 3 °C
Relative humidity: 85 % RH
Duration: 1000 h + 48 h / - 0 h
Pre-treatment: capacitor shall be stored
at 40 °C ± 5 °C for 24 h ± 2 h, then place
at room condition for 24 h ± 2 h before
initial measurements.
Post-treatment: capacitor shall be stored
for 24 h at room conditions before final
measurements.
Capacitance change
± 15 %
Dissipation factor
5 % max. at 1 V, 1 kHz
Insulation resistance
3 G
Ω min. at 500 VDC, 60 s
Dielectric strength
(between lead wires)
No failure at 4000 VAC, 60 s
12
Termination
strength
Pull test
External
appearance
Lead wire should not be cut off,
capacitor should not be broken.
As a figure, fix the body of capacitor,
apply a tensile weight gradually to each
lead wire in the radial direction of
capacitor up to 20 N, and keep it for
10 s ± 1 s.
Capacitance
change
Within specification
Dissipation
factor
Within specification
Insulation
resistance
Within specification
Bending test
External
appearance
Lead wire should not be cut off,
capacitor should not be broken.
Bending each lead wire to 90° from the
lead egress with 2.5 N force, then back to
original position and bent again from the
same direction.
Totally 3 bends, 3 s each time.
1 bend: bending to 90° the return to
normal position is one bend.
Start from 1.6 mm to 3.2 mm from the
part body.
13
Resistance to
solder heat
Visual
No visible damage.
The marking shall be legible.
The lead wire shall be immersed into the
melted solder of 260 °C ± 5 °C up to about
1.5 mm to 2 mm from the main body for
10 s ± 2 s.
Inspect under 10 x magnification
Pre-treatment:
Capacitor shall be stored at 125 °C ± 5 °C
for 1 h, then placed at room condition for
24 h ± 2 h before initial measurements.
Post-treatment:
Capacitor shall be stored for 24 h ± 2 h
at room condition.
Capacitance change
Within ± 10 %
Dissipation factor
5 % max. at 1 V, 1 kHz
Insulation resistance
1 G
Ω min. at 500 VDC, 60 s
Dielectric strength
(between lead wires)
No failure at 4000 VAC, 60 s
PERFORMANCE
NO.
ITEMS
SPECIFICATION
TEST METHOD
W
Thermal
screen
Capacitor
Molten
solder
1.5 mm
to 2.0 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com