Electronic Components Datasheet Search
  English  ▼

X  

AY1 Datasheet(PDF) 6 Page - M-System Co.,Ltd.

Part # AY1
Description  Automotive Grade AC Line Rated Ceramic Disc Capacitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

AY1 Datasheet(HTML) 6 Page - M-System Co.,Ltd.

Back Button AY1 Datasheet HTML 2Page - M-System Co.,Ltd. AY1 Datasheet HTML 3Page - M-System Co.,Ltd. AY1 Datasheet HTML 4Page - M-System Co.,Ltd. AY1 Datasheet HTML 5Page - M-System Co.,Ltd. AY1 Datasheet HTML 6Page - M-System Co.,Ltd. AY1 Datasheet HTML 7Page - M-System Co.,Ltd. AY1 Datasheet HTML 8Page - M-System Co.,Ltd. AY1 Datasheet HTML 9Page - M-System Co.,Ltd. AY1 Datasheet HTML 10Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AY1 Series
www.vishay.com
Vishay BCcomponents
Revision: 22-Mar-2021
6
Document Number: 28563
For technical questions, contact: cdc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
8
Life test
External appearance
No visible damage.
The marking shall be legible.
Test voltage: 4000 VAC, 60 s
Impulse voltage: each individual capacitor
shall be subjected to a 10 kV impulse for
ten times each polarity. Before the
capacitors are applied to life test.
The specimen capacitors shall be
submitted to an endurance test of
1000 h + 48 h / - 0 h in a chamber at
125 °C ± 3 °C with a voltage of 1500 VAC.
Pre-treatment: capacitor shall be backed
at 125 °C ± 3 °C for 1 h before initial
measurements.
Post-treatment: capacitors shall be
placed at room condition for 24 h ± 2 h
before measurements.
Capacitance change
± 15 % max.
Dissipation factor
5 % max. at 1 V, 1 kHz
Insulation resistance
3 G
Ω min. at 500 VDC, 60 s
Dielectric strength
(between lead wires)
No failure at 4000 VAC, 60 s
9
Humidity test
(under steady
state)
External appearance
No visible damage.
Ambient temperature: 40 °C ± 2 °C
Relative humidity: 90 % to 95 % RH
Duration: 500 h + 48 h / - 0 h
Without loading
Pre-treatment: capacitor shall be stored
at 40 °C ± 2 °C for 24 h ± 5 h before initial
measurements.
Post-treatment: capacitor shall be stored
for 2 h at room conditions before final
measurements.
Capacitance change
± 20 %
Dissipation factor
5 % max. at 1 V, 1 kHz
Insulation resistance
3 G
Ω min. at 500 VDC, 60 s
Dielectric strength
(between lead wires)
No failure at 4000 VAC, 60 s
10
Humidity test
(under load
state)
External appearance
No visible damage.
The marking shall be legible.
Ambient temperature: 40 °C ± 2 °C
Relative humidity: 90 % to 95 % RH
Duration: 500 h + 48 h / - 0 h
Loading voltage: 760 VAC
Pre-treatment: capacitor shall be stored
at 40 °C ± 5 °C for 24 h ± 2 h before initial
measurements.
Post-treatment: capacitor shall be stored
for 2 h at room conditions before final
measurements.
Capacitance change
± 15 %
Dissipation factor
5 % max. at 1 V, 1 kHz
Insulation resistance
3 G
Ω min. at 500 VDC, 60 s
Dielectric strength
(between lead wires)
No failure at 4000 VAC, 60 s
PERFORMANCE
NO.
ITEMS
SPECIFICATION
TEST METHOD
100 %
90 %
50 %
30 %
0 %
t
T
1
T
2
T
1 = 1.2 μs
T
2 = 50 μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com