Electronic Components Datasheet Search
  English  ▼

X  

AY1 Datasheet(PDF) 11 Page - M-System Co.,Ltd.

Part # AY1
Description  Automotive Grade AC Line Rated Ceramic Disc Capacitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

AY1 Datasheet(HTML) 11 Page - M-System Co.,Ltd.

Back Button AY1 Datasheet HTML 4Page - M-System Co.,Ltd. AY1 Datasheet HTML 5Page - M-System Co.,Ltd. AY1 Datasheet HTML 6Page - M-System Co.,Ltd. AY1 Datasheet HTML 7Page - M-System Co.,Ltd. AY1 Datasheet HTML 8Page - M-System Co.,Ltd. AY1 Datasheet HTML 9Page - M-System Co.,Ltd. AY1 Datasheet HTML 10Page - M-System Co.,Ltd. AY1 Datasheet HTML 11Page - M-System Co.,Ltd. AY1 Datasheet HTML 12Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AY1 Series
www.vishay.com
Vishay BCcomponents
Revision: 22-Mar-2021
11
Document Number: 28563
For technical questions, contact: cdc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
LEAKAGE CURRENT VS. VOLTAGE (Typical)
IMPEDANCE VS. FREQUENCY (Typical)
Note
• The capacitors meet the essential requirements of “EIA 198”. Unless stated otherwise all electrical values apply at an ambient temperature
of 25 °C ± 3 °C, at normal atmospheric conditions
RELATED DOCUMENTS
General Information
www.vishay.com/doc?28536
VDE Marks Approval
www.vishay.com/doc?22251
UL Test Certificate
www.vishay.com/doc?22250
CQC Test Certificate
www.vishay.com/doc?22248
SAMPLE KIT
Part Number
AY1-KIT-GA
Link
www.vishay.com/doc?28567
10
100
1000
10000
0
500
1000
1500
2000
2500
3000
3500
4000
0
1000200030004000
Axis Title
AC Voltage (V) RMS
4700 pF
3300 pF
1500 pF
680 pF
470 pF
1000 pF
2200 pF
10
100
1000
10000
0.1
1
10
100
110
100
Axis Title
Frequency (MHz)
1.0 nF
0.68 nF
2.2 nF
4.7 nF
Lead configuration:
- length = 30 mm
- lead spacing = standard
- lead diameter = standard



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com