Electronic Components Datasheet Search
  English  ▼

X  

AY1 Datasheet(PDF) 9 Page - M-System Co.,Ltd.

Part # AY1
Description  Automotive Grade AC Line Rated Ceramic Disc Capacitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

AY1 Datasheet(HTML) 9 Page - M-System Co.,Ltd.

Back Button AY1 Datasheet HTML 4Page - M-System Co.,Ltd. AY1 Datasheet HTML 5Page - M-System Co.,Ltd. AY1 Datasheet HTML 6Page - M-System Co.,Ltd. AY1 Datasheet HTML 7Page - M-System Co.,Ltd. AY1 Datasheet HTML 8Page - M-System Co.,Ltd. AY1 Datasheet HTML 9Page - M-System Co.,Ltd. AY1 Datasheet HTML 10Page - M-System Co.,Ltd. AY1 Datasheet HTML 11Page - M-System Co.,Ltd. AY1 Datasheet HTML 12Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AY1 Series
www.vishay.com
Vishay BCcomponents
Revision: 22-Mar-2021
9
Document Number: 28563
For technical questions, contact: cdc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
18
Temperature
cycle
Capacitance change
Within ± 20 %
The capacitor should be run 1000
temperature cycles. Step as below:
Step 1-55 °C + 0 °C / - 3 °C,
dwell time
≤ 30 min
Step 2Transition time
≤ 1 min
Step 3+125 °C + 3 °C / - 0 °C,
dwell time
≤ 30 min
Step 4Transition time
≤ 1 min
Pre-treatment:
capacitor shall be stored at 125 °C ± 3 °C
for 1 h, then placed at room condition for
24 h ± 2 h before initial measurement.
Post-treatment:
capacitor shall be stored for 24 h ± 2 h at
room condition.
Dissipation factor
5 % max. at 1 V, 1 kHz
Insulation resistance
3 G
Ω min at 500 VDC, 60 s
Dielectric strength
No failure at 4000 VAC, 60 s
External appearance
No visible damage.
The marking shall be legible.
19
High
temperature
exposure
(storage)
External appearance
No visible damage.
The marking shall be legible.
Storage capacitor at 125 °C ± 3 °C for
1000 h + 48 h / - 0 h without loading.
Pre-treatment:
capacitor shall be stored at 125 °C ± 3 °C
for 1 h, then placed at room condition for
24 h ± 2 h before initial measurement.
Post-treatment:
capacitor shall be stored for 24 h ± 2 h at
room condition.
Capacitance change
Within ± 20 %
Dissipation factor
5 % max. at 1 V, 1 kHz
Insulation resistance
1 G
Ω min. at 500 VDC, 60 s
20
ESD
External appearance
No visible damage.
The marking shall be legible.
See chart “ESD Test Method” below
Capacitance change
Within ± 10 %
Dissipation factor
5 % max. at 1 V, 1 kHz
Insulation resistance
1 G
Ω min. at 500 VDC, 60 s
PERFORMANCE
NO.
ITEMS
SPECIFICATION
TEST METHOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com