Electronic Components Datasheet Search
  English  ▼

X  

MIC2127A Datasheet(PDF) 2 Page - Microchip Technology

Part # MIC2127A
Description  75V, Synchronous Buck Controller Featuring Adaptive On-Time Control
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2127A Datasheet(HTML) 2 Page - Microchip Technology

  MIC2127A Datasheet HTML 1Page - Microchip Technology MIC2127A Datasheet HTML 2Page - Microchip Technology MIC2127A Datasheet HTML 3Page - Microchip Technology MIC2127A Datasheet HTML 4Page - Microchip Technology MIC2127A Datasheet HTML 5Page - Microchip Technology MIC2127A Datasheet HTML 6Page - Microchip Technology MIC2127A Datasheet HTML 7Page - Microchip Technology MIC2127A Datasheet HTML 8Page - Microchip Technology MIC2127A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
MIC2127A
DS20005676B-page 2
 2016 Microchip Technology Inc.
Package Types
Functional Block Diagram
2
SW
BST
PG
MODE
FREQ
EN
EXTVDD
ILIM
16
1
15 14 13
3
4
11
10
9
56
7
8
12
MIC2127A
3x 3VQFN*
(Top View)
EP
* Includes Exposed Thermal Pad (EP); see Table 3-1.
SW
PG
VDD
BST
PVDD
FREQ
PVDD
VIN
PGND
ILIM
Zero Crossing
Detection (ZCD) and
Negative Current Limit
8
15
THERMAL
SHUTDOWN
11
TON
ESTIMATION
Control
Logic
14
1
AGND
EN
10
2
9
EXTVDD
LINEAR
REGULATOR
gm
13
FB
COMPENSATION
VREF
FB
5
DH
7
DL
3
4
16
CURRENT
LIMIT
DETECTION
0.9
100 µA
LINEAR
REGULATOR
0.6V
VREF
6
12
MODE
Soft
Start
UVLO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com