Electronic Components Datasheet Search
  English  ▼

X  

MIC2127A Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC2127A
Description  75V, Synchronous Buck Controller Featuring Adaptive On-Time Control
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2127A Datasheet(HTML) 1 Page - Microchip Technology

  MIC2127A Datasheet HTML 1Page - Microchip Technology MIC2127A Datasheet HTML 2Page - Microchip Technology MIC2127A Datasheet HTML 3Page - Microchip Technology MIC2127A Datasheet HTML 4Page - Microchip Technology MIC2127A Datasheet HTML 5Page - Microchip Technology MIC2127A Datasheet HTML 6Page - Microchip Technology MIC2127A Datasheet HTML 7Page - Microchip Technology MIC2127A Datasheet HTML 8Page - Microchip Technology MIC2127A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
 2016 Microchip Technology Inc.
DS20005676B-page 1
MIC2127A
Features
• Hyper Speed Control® Architecture Enables:
- High Input to Output Voltage Conversion
Ratio Capability
- Any Capacitor™ Stable
- Ultra-Fast Load Transient Response
• Wide 4.5V-75V Input Voltage Range
• Adjustable Output Voltage from 0.6V to 30V
• 270 kHz-800 kHz Programmable Switching Fre-
quency
• Built-In 5V Regulator for Single-Supply Operation
• Auxiliary Bootstrap LDO for Improving System
Efficiency
• Internal Bootstrap Diode
• Selectable Light Load Operating Mode
• Enable Input and Power Good Output
• Programmable Current Limit
• Hiccup Mode Short-Circuit Protection
• Soft Start, Internal Compensation and Thermal
Shutdown
• Supports Safe Start-Up into a Prebiased Output
Applications
• Networking/Telecom Equipment
• Base Station, Servers
• Distributed Power Systems
• Industrial Power Supplies
General Description
The MIC2127A is a constant-frequency synchronous
buck controller featuring a unique adaptive on-time
control architecture. The MIC2127A operates over an
input voltage range from 4.5V-75V. The output voltage
is adjustable down to 0.6V with an accuracy of ±1%.
The device operates with programmable switching
frequency from 270 kHz-800 kHz.
The MIC2127A features a MODE pin that allows the
user to select either Continuous Conduction mode or
Hyper Light Load (HLL) mode under light loads. An
auxiliary bootstrap LDO improves the system efficiency
by supplying the MIC2127A internal circuit bias power
and gate drivers from the output of the converter. A
logic level enable (EN) signal can be used to enable or
disable the controller. The MIC2127A can start-up
monotonically into a prebiased output. The MIC2127A
features an open drain power good signal (PG) that
signals when the output is in regulation and can be
used for simple power supply sequencing.
The MIC2127A offers a full suite of protection features
to ensure protection of the IC during Fault conditions.
These include undervoltage lockout to ensure proper
operation under power-sag conditions, “hiccup” mode
short-circuit protection, internal soft start of 5 ms to
reduce inrush current during start-up and thermal shut-
down.
The MIC2127A is available in a 16-pin 3 mm x 3 mm
VQFN package, with an operating junction temperature
range from –40°C to +125°C.
Typical Application
PVDD
VDD
PG
EN
MODE
FREQ
EXTVDD
FB
ILIM
SW
BST
VIN
VIN
4.5V
* to 75V
VOUT
5V@5A
VOUT
VIN
4.7 μF
2.2 μFX3
47 μF
10 μH
0.1 μF
0.1 μF
4.7 nF
1 μF
4.7 μF
10
36 k
7.5 k
1 k
100 k
60 k
1.3 k
VIN
MIC2127A
PGND
AGND
DH
DL
330 μF
+
0.1 μF
Q1
Q2
Q1,Q3: SiR878ADP
L1: SRP1265A-100M, Bourns
C1: 10SVP330M
*Output voltage follows input voltage when the input is below the target output voltage
L1
C1
VDD
75V, Synchronous Buck Controller Featuring Adaptive
On-Time Control


Similar Part No. - MIC2127A

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2124 MICREL-MIC2124 Datasheet
680Kb / 24P
Constant Frequency, Synchronous Current Mode Buck Controller
MIC2124YMM MICREL-MIC2124YMM Datasheet
680Kb / 24P
Constant Frequency, Synchronous Current Mode Buck Controller
logo
Microchip Technology
MIC2125 MICROCHIP-MIC2125 Datasheet
1Mb / 34P
28V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
07/14/15
MIC2125YML MICROCHIP-MIC2125YML Datasheet
1Mb / 34P
28V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
07/14/15
MIC2126 MICROCHIP-MIC2126 Datasheet
1Mb / 34P
28V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
07/14/15
More results

Similar Description - MIC2127A

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2164 MICREL-MIC2164 Datasheet
918Kb / 36P
Constant Frequency, Synchronous Buck Controllers Featuring Adaptive On-Time Control
MIC2174 MICREL-MIC2174_10 Datasheet
706Kb / 27P
Synchronous Buck Controller Featuring Adaptive On-Time Control 40V Input, 300kHz
MIC2176-1 MICREL-MIC2176-1 Datasheet
1Mb / 31P
Wide Input Voltage, Synchronous Buck Controllers Featuring Adaptive On-Time Control
MIC2101 MICREL-MIC2101 Datasheet
1Mb / 37P
38V, Synchronous Buck Controllers Featuring Adaptive On-Time Control
MIC2103 MICREL-MIC2103 Datasheet
1Mb / 36P
75V, Synchronous Buck Controllers featuring Adaptive On-Time Control
logo
Microchip Technology
MIC2128 MICROCHIP-MIC2128 Datasheet
645Kb / 32P
75V, Synchronous Buck Controller Featuring Adaptive On-Time Control with External Soft Start
06/23/16
MIC2125 MICROCHIP-MIC2125 Datasheet
1Mb / 34P
28V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
07/14/15
logo
Micrel Semiconductor
MIC2103 MICREL-MIC2103_13 Datasheet
1Mb / 38P
75V, Synchronous Buck Controllers featuring Adaptive On-Time Control
MIC2101 MICREL-MIC2101_13 Datasheet
1Mb / 36P
38V, Synchronous Buck Controllers Featuring Adaptive On-Time Control
logo
Microchip Technology
MIC2103 MICROCHIP-MIC2103 Datasheet
1Mb / 42P
75V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
10/25/17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com