Electronic Components Datasheet Search
  English  ▼

X  

MIC2127A Datasheet(PDF) 17 Page - Microchip Technology

Part # MIC2127A
Description  75V, Synchronous Buck Controller Featuring Adaptive On-Time Control
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2127A Datasheet(HTML) 17 Page - Microchip Technology

Back Button MIC2127A Datasheet HTML 13Page - Microchip Technology MIC2127A Datasheet HTML 14Page - Microchip Technology MIC2127A Datasheet HTML 15Page - Microchip Technology MIC2127A Datasheet HTML 16Page - Microchip Technology MIC2127A Datasheet HTML 17Page - Microchip Technology MIC2127A Datasheet HTML 18Page - Microchip Technology MIC2127A Datasheet HTML 19Page - Microchip Technology MIC2127A Datasheet HTML 20Page - Microchip Technology MIC2127A Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
 2016 Microchip Technology Inc.
DS20005676B-page 17
MIC2127A
3.9
EXTVDD
Supply to the internal low voltage LDO. Connect
EXTVDD to the output of the buck converter if it is
between 4.7V to 14V to improve system efficiency.
Bypass EXTVDD with a minimum of 1 µF low ESR
ceramic capacitor.
3.10
Enable Input Pin (EN)
EN is a logic input. Connect to logic high to enable the
converter, and connect to logic low to disable the
converter.
3.11
Switching Frequency
Programming Input Pin (FREQ)
Switching Frequency Programming Input. Connect to
mid-point of the resistor divider formed between VIN
and AGND to set the switching frequency of the con-
verter. Tie FREQ to VIN to set the switching frequency
to 800 kHz. Refer to Section 5.1 “Setting the Switch-
ing Frequency”
for more details.
3.12
Light Load Mode Selection Input
Pin (MODE)
Light Load Mode Selection Input. Connect MODE pin
to VDD to select Continuous Conduction mode under
light loads, or connect to AGND to select Hyper Light
Load (HLL) mode of operation under light loads. Refer
to Section 4.2 “Light Load Operating Mode
(MODE)”
for further details.
3.13
Feedback Input Pin (FB)
FB is input to the transconductance amplifier of the
control loop. The control loop regulates the FB voltage
to 0.6V. Connect the FB node to the mid-point of the
resistor divider between output and AGND.
3.14
Analog Ground Pin (AGND)
AGND is the reference to the analog control circuits
inside the MIC2127A. Connect AGND to PGND at one
point on the PCB.
3.15
Bias Voltage Pin (VDD)
Supply for the MIC2127A internal analog circuits. Con-
nect VDD to PVDD of the MIC2127A through a low-pass
filter. Connect a minimum of 4.7 µF low ESR ceramic
capacitor from VDD to AGND for decoupling.
3.16
Input Voltage Pin (VIN)
Supply Input to the internal high-voltage LDO. Connect
to the main power source and bypass to PGND with a
minimum of 0.1 µF low ESR ceramic capacitor.
3.17
Exposed Pad (EP)
Connect to the AGND copper plane to improve thermal
performance of the MIC2127A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com