Electronic Components Datasheet Search
  English  ▼

X  

MIC2127A Datasheet(PDF) 7 Page - Microchip Technology

Part # MIC2127A
Description  75V, Synchronous Buck Controller Featuring Adaptive On-Time Control
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2127A Datasheet(HTML) 7 Page - Microchip Technology

Back Button MIC2127A Datasheet HTML 3Page - Microchip Technology MIC2127A Datasheet HTML 4Page - Microchip Technology MIC2127A Datasheet HTML 5Page - Microchip Technology MIC2127A Datasheet HTML 6Page - Microchip Technology MIC2127A Datasheet HTML 7Page - Microchip Technology MIC2127A Datasheet HTML 8Page - Microchip Technology MIC2127A Datasheet HTML 9Page - Microchip Technology MIC2127A Datasheet HTML 10Page - Microchip Technology MIC2127A Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
 2016 Microchip Technology Inc.
DS20005676B-page 7
MIC2127A
Note:
Unless otherwise indicated, VVIN =12V, fSW =300 kHz, RILIM =1.3 k, L = 10 µH, VEXTVDD =VOUT, TA =+25°C
(refer to the Typical Application circuit).
FIGURE 2-7:
PVDD Line Regulation.
FIGURE 2-8:
PVDD Voltage vs.
Temperature.
FIGURE 2-9:
PVDD Load Regulation.
FIGURE 2-10:
VDD UVLO Threshold vs.
Temperature.
FIGURE 2-11:
EXTVDD Threshold vs.
Temperature.
FIGURE 2-12:
Enable Threshold vs.
Temperature.
4.8
4.9
5
5.1
5.2
5.3
5.4
6
12 182430364248 54 60667278
Input Voltage (V)
I
PVDD = 10 mA
V
EN = VVIN
EXTVDD = GND
4.8
4.9
5
5.1
5.2
5.3
5.4
-50
-25
0
255075
100
Temperature (°C)
V
VIN = 48V
I
PVDD = 10 mA
V
EN
= V
VIN
V
EXTVDD = 12V
EXTVDD = GND
V
EXTVDD = 5V
4
4.2
4.4
4.6
4.8
5
5.2
0
102030405060
I
PVDD (mA)
V
VIN = 48V
V
EN = VVIN
EXTVDD = GND
V
EXTVDD = 12V
V
EXTVDD = 5V
3.1
3.3
3.5
3.7
3.9
4.1
4.3
4.5
-50
-25
0
255075
100
125
Temperature (°C)
I
VDD = 0 mA
EXTVDD = GND
V
DD falling
V
VDD rising
4.2
4.3
4.4
4.5
4.6
4.7
4.8
-50
-25
0
255075
100
125
Temperature (°C)
V
EXTVDD rising
V
EXTVDD falling
0.6
0.8
1.0
1.2
1.4
1.6
-50
-25
0
255075
100
125
Temperature (°C)
V
EN rising
V
EN falling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com