Electronic Components Datasheet Search
  English  ▼

X  

MIC2127A Datasheet(PDF) 8 Page - Microchip Technology

Part # MIC2127A
Description  75V, Synchronous Buck Controller Featuring Adaptive On-Time Control
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2127A Datasheet(HTML) 8 Page - Microchip Technology

Back Button MIC2127A Datasheet HTML 4Page - Microchip Technology MIC2127A Datasheet HTML 5Page - Microchip Technology MIC2127A Datasheet HTML 6Page - Microchip Technology MIC2127A Datasheet HTML 7Page - Microchip Technology MIC2127A Datasheet HTML 8Page - Microchip Technology MIC2127A Datasheet HTML 9Page - Microchip Technology MIC2127A Datasheet HTML 10Page - Microchip Technology MIC2127A Datasheet HTML 11Page - Microchip Technology MIC2127A Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
MIC2127A
DS20005676B-page 8
 2016 Microchip Technology Inc.
Note:
Unless otherwise indicated, VVIN =12V, fSW =300 kHz, RILIM =1.3 k, L = 10 µH, VEXTVDD =VOUT, TA =+25°C
(refer to the Typical Application circuit).
FIGURE 2-13:
Enable Bias Current vs.
Temperature.
FIGURE 2-14:
Switching Frequency vs.
Input Voltage.
FIGURE 2-15:
Switching Frequency vs.
Load Current.
FIGURE 2-16:
ILIM Source Current vs.
Temperature.
FIGURE 2-17:
Current Limit Comparator
Offset vs Temperature.
FIGURE 2-18:
Feedback Voltage vs.
Temperature.
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.4
5.6
-50
-25
0
25
50
75
100
125
Temperature (°C)
V
VIN = 12V
V
EN = 5V
220
230
240
250
260
270
280
290
300
310
320
6
121824303642485460667278
Input Voltage (V)
V
OUT = 5V
F
SW_SETPONIT = 300 kHz
V
EXTVDD = VOUT
V
EN = VVIN
I
OUT = 5A
I
OUT = 0A
265
270
275
280
285
290
295
300
305
310
00.511.522.533.544.5
5
Load Current (A)
V
VIN = 48V
V
OUT = 5V
F
SW_SETPONIT = 300 kHz
V
EXTVDD = VOUT
V
EN = VVIN
T
A = 25°C
T
A = -40°C
T
A = 85°C
70
80
90
100
110
120
130
140
-50
-25
0
25
50
75
100
125
Temperature (°C)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
-50
-25
0
25
50
75
100
125
Temperature (°C)
594.0
596.0
598.0
600.0
602.0
604.0
606.0
-50
-25
0
255075
100
125
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com