Electronic Components Datasheet Search
  English  ▼

X  

MIC2127A Datasheet(PDF) 35 Page - Microchip Technology

Part # MIC2127A
Description  75V, Synchronous Buck Controller Featuring Adaptive On-Time Control
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2127A Datasheet(HTML) 35 Page - Microchip Technology

Back Button MIC2127A Datasheet HTML 30Page - Microchip Technology MIC2127A Datasheet HTML 31Page - Microchip Technology MIC2127A Datasheet HTML 32Page - Microchip Technology MIC2127A Datasheet HTML 33Page - Microchip Technology MIC2127A Datasheet HTML 34Page - Microchip Technology MIC2127A Datasheet HTML 35Page - Microchip Technology MIC2127A Datasheet HTML 36Page - Microchip Technology MIC2127A Datasheet HTML 37Page - Microchip Technology MIC2127A Datasheet HTML 38Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
 2016 Microchip Technology Inc.
DS20005676B-page 35
MIC2127A
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
XX
Package Code
Temperature
Device
Device:
MIC2127A: 75V, Synchronous Buck Controller Featuring
Adaptive On-Time Control
Temperature:
Y= Industrial Temperature Grade
(-40°C to +125°C)
Package:
Media Type:
ML
=
16 Lead, 3x3 mm VQFN
TR
=
5000/reel
T5
=
500/reel
Examples:
a)
MIC2127AYML-TR: 75V, Synchronous Buck
Controller Featuring
Adaptive On-Time Control,
–40°C to +125°C junction
temperature range, 16-LD
VQFN package, 5000/reel
b)
MIC2127AYML-T5: 75V, Synchronous Buck
Controller Featuring
Adaptive On-Time Control,
–40°C to +125°C junction
temperature range, 16-LD
VQFN package, 500/reel
XX
Media Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com