Electronic Components Datasheet Search
  English  ▼

X  

OPA2140AIDR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2140AIDR
Description  OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amp
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2140AIDR Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA2140AIDR Datasheet HTML 12Page - Texas Instruments OPA2140AIDR Datasheet HTML 13Page - Texas Instruments OPA2140AIDR Datasheet HTML 14Page - Texas Instruments OPA2140AIDR Datasheet HTML 15Page - Texas Instruments OPA2140AIDR Datasheet HTML 16Page - Texas Instruments OPA2140AIDR Datasheet HTML 17Page - Texas Instruments OPA2140AIDR Datasheet HTML 18Page - Texas Instruments OPA2140AIDR Datasheet HTML 19Page - Texas Instruments OPA2140AIDR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
7.3.2 Capacitive Load and Stability
The dynamic characteristics of the OPAx140 have been optimized for commonly encountered gains, loads, and
operating conditions. The combination of low closed-loop gain and high capacitive loads decreases the phase
margin of the amplifier and can lead to gain peaking or oscillations. As a result, heavier capacitive loads must be
isolated from the output. The simplest way to achieve this isolation is to add a small resistor (ROUT equal to 50 Ω,
for example) in series with the output.
Small-Signal Overshoot vs Capacitive Load (100-mV Output Step) and Small-Signal Overshoot vs Capacitive
Load (100-mV Output Step) illustrate graphs of Small-Signal Overshoot vs Capacitive Load for several values of
ROUT. Also, see the Feedback Plots Define Op Amp AC Performance Application Bulletin, available for download
from www.ti.com, for details of analysis techniques and application circuits.
7.3.3 Output Current Limit
The output current of the OPAx140 series is limited by internal circuitry to 36 mA/–30 mA (sourcing/sinking),
to protect the device if the output is accidentally shorted. This short circuit current depends on temperature, as
shown in Short Circuit Current vs Temperature.
7.3.4 Noise Performance
Figure 7-1 shows the total circuit noise for varying source impedances with the operational amplifier in a
unity-gain configuration (with no feedback resistor network and therefore no additional noise contributions). The
OPA140 and OPA211 are shown with total circuit noise calculated. The op amp itself contributes both a voltage
noise component and a current noise component. The voltage noise is commonly modeled as a time-varying
component of the offset voltage. The current noise is modeled as the time-varying component of the input bias
current and reacts with the source resistance to create a voltage component of noise. Therefore, the lowest
noise op amp for a given application depends on the source impedance. For low source impedance, current
noise is negligible, and voltage noise generally dominates. The OPA140, OPA2140, and OPA4140 family has
both low voltage noise and extremely low current noise because of the FET input of the op amp. As a result, the
current noise contribution of the OPAx140 series is negligible for any practical source impedance, which makes it
the better choice for applications with high source impedance.
The equation in Figure 7-1 shows the calculation of the total circuit noise, with these parameters:
• en = voltage noise
• In = current noise
• RS = source impedance
• k = Boltzmann's constant = 1.38 × 10–23 J/K
• T = temperature in degrees Kelvin (K)
For more details on calculating noise, see Section 7.3.5.
100k
1M
SourceResistance,R (W)
S
100
1k
10k
10k
1k
100
10
1
R
S
E
O
E
=e
O
n
n
S
S
+(i R ) +4kTR
2
2
2
ResistorNoise
OPA211
OPA140
Figure 7-1. Noise Performance of the OPA140 and OPA211 in Unity-Gain Buffer Configuration
OPA140, OPA2140, OPA4140
SBOS498E – JULY 2010 – REVISED JULY 2021
www.ti.com
16
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA140 OPA2140 OPA4140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com