Electronic Components Datasheet Search
  English  ▼

X  

OPA2140AIDR Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2140AIDR
Description  OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amp
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2140AIDR Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA2140AIDR Datasheet HTML 13Page - Texas Instruments OPA2140AIDR Datasheet HTML 14Page - Texas Instruments OPA2140AIDR Datasheet HTML 15Page - Texas Instruments OPA2140AIDR Datasheet HTML 16Page - Texas Instruments OPA2140AIDR Datasheet HTML 17Page - Texas Instruments OPA2140AIDR Datasheet HTML 18Page - Texas Instruments OPA2140AIDR Datasheet HTML 19Page - Texas Instruments OPA2140AIDR Datasheet HTML 20Page - Texas Instruments OPA2140AIDR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
7.3.5 Basic Noise Calculations
Low-noise circuit design requires careful analysis of all noise sources. External noise sources can dominate in
many cases; consider the effect of source resistance on overall op amp noise performance. Total noise of the
circuit is the root-sum-square combination of all noise components.
The resistive portion of the source impedance produces thermal noise proportional to the square root of the
resistance. This function is plotted in Figure 7-1. The source impedance is usually fixed; consequently, select the
op amp and the feedback resistors to minimize the respective contributions to the total noise.
Noise Calculation in Gain Configurations illustrates both noninverting (A) and inverting (B) op amp circuit
configurations with gain. In circuit configurations with gain, the feedback network resistors also contribute
noise. In general, the current noise of the op amp reacts with the feedback resistors to create additional noise
components. However, the extremely low current noise of the OPAx140 means that its current noise contribution
can be neglected.
The feedback resistor values can generally be chosen to make these noise sources negligible. Low impedance
feedback resistors load the output of the amplifier. The equations for total noise are shown for both
configurations.
R
1
R
2
E
O
R
1
R
2
E
O
R
S
V
S
R
S
V
S
A)NoiseinNoninvertingGainConfiguration
B)NoiseinInvertingGainConfiguration
Noiseattheoutput:
Wheree =
S
4kTR
S
4kTR
1
4kTR
2
=thermalnoiseofR
S
=thermalnoiseofR
1
=thermalnoiseofR
2
e =
1
e =
2
Noiseattheoutput:
E
=
O
2
1+
R
2
R +R
1
S
R
2
R +R
1
S
2
2
2
Wheree =
S
4kTR
S
4kTR
1
4kTR
2
=thermalnoiseofR
S
=thermalnoiseofR
1
=thermalnoiseofR
2
e =
1
e =
2
R
2
R +R
1
S
2
1+
R
2
R
1
1+
R
2
R
1
2
R
2
R
1
2
e +e +
1
2
2
2
E
=
O
2
e +
n
2
e
s
2
e +e +
1
2
2
2
e
s
2
e +
n
2
For the OPAx140 series of operational amplifiers at 1 kHz, en = 5.1 nV/√ Hz.
Figure 7-2. Noise Calculation in Gain Configurations
7.3.6 Phase-Reversal Protection
The OPA140, OPA2140, and OPA4140 family has internal phase-reversal protection. Many FET- and bipolar-
input op amps exhibit a phase reversal when the input is driven beyond its linear common-mode range. This
condition is most often encountered in noninverting circuits when the input is driven beyond the specified
common-mode voltage range, causing the output to reverse into the opposite rail. The input circuitry of the
OPA140, OPA2140, and OPA4140 prevents phase reversal with excessive common-mode voltage; instead, the
output limits into the appropriate rail (see No Phase Reversal).
www.ti.com
OPA140, OPA2140, OPA4140
SBOS498E – JULY 2010 – REVISED JULY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: OPA140 OPA2140 OPA4140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com