Electronic Components Datasheet Search
  English  ▼

X  

OPA2140AIDR Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2140AIDR
Description  OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amp
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2140AIDR Datasheet(HTML) 23 Page - Texas Instruments

Back Button OPA2140AIDR Datasheet HTML 19Page - Texas Instruments OPA2140AIDR Datasheet HTML 20Page - Texas Instruments OPA2140AIDR Datasheet HTML 21Page - Texas Instruments OPA2140AIDR Datasheet HTML 22Page - Texas Instruments OPA2140AIDR Datasheet HTML 23Page - Texas Instruments OPA2140AIDR Datasheet HTML 24Page - Texas Instruments OPA2140AIDR Datasheet HTML 25Page - Texas Instruments OPA2140AIDR Datasheet HTML 26Page - Texas Instruments OPA2140AIDR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The OPA140, OPA2140, and OPA4140 are unity-gain stable, operational amplifiers with very low noise, input
bias current, and input offset voltage. Applications with noisy or high-impedance power supplies require
decoupling capacitors placed close to the device pins. In most cases, 0.1-μF capacitors are adequate. Designers
can easily use the rail-to-rail output swing and input range that includes V– to take advantage of the low-noise
characteristics of JFET amplifiers while also interfacing to modern, single-supply, precision data converters.
8.2 Typical Application
+
±
OPA140
Output
Input
R1
590
R4
2.94 k
R3
499
C2
39 nF
C5
1 nF
Copyright © 2016, Texas Instruments Incorporated
Figure 8-1. 25-kHz Low-pass Filter
8.2.1 Design Requirements
Lowpass filters are commonly employed in signal processing applications to reduce noise and prevent aliasing.
The OPAx140 are an excellent choice to construct high-speed, high-precision active filters. Figure 8-1 shows a
second-order, low-pass filter commonly encountered in signal processing applications.
Use the following parameters for this design example:
• Gain = 5 V/V (inverting gain)
• Low-pass cutoff frequency = 25 kHz
• Second-order Chebyshev filter response with 3-dB gain peaking in the passband
8.2.2 Detailed Design Procedure
The infinite-gain multiple-feedback circuit for a low-pass network function is shown in. Use Equation 1 to
calculate the voltage transfer function.
1 3
2
5
2
2
1
3
4
3
4
2
5
1 R R C C
Output
s
Input
s
s C
1 R
1 R
1 R
1 R R C C
(1)
This circuit produces a signal inversion. For this circuit, the gain at DC and the lowpass cutoff frequency are
calculated by Equation 2:
4
1
C
3
4
2
5
R
Gain
R
1
f
1 R R C C
2S
(2)
www.ti.com
OPA140, OPA2140, OPA4140
SBOS498E – JULY 2010 – REVISED JULY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: OPA140 OPA2140 OPA4140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com