Electronic Components Datasheet Search
  English  ▼

X  

OPA2140AIDR Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2140AIDR
Description  OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amp
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2140AIDR Datasheet(HTML) 20 Page - Texas Instruments

Back Button OPA2140AIDR Datasheet HTML 16Page - Texas Instruments OPA2140AIDR Datasheet HTML 17Page - Texas Instruments OPA2140AIDR Datasheet HTML 18Page - Texas Instruments OPA2140AIDR Datasheet HTML 19Page - Texas Instruments OPA2140AIDR Datasheet HTML 20Page - Texas Instruments OPA2140AIDR Datasheet HTML 21Page - Texas Instruments OPA2140AIDR Datasheet HTML 22Page - Texas Instruments OPA2140AIDR Datasheet HTML 23Page - Texas Instruments OPA2140AIDR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
an applied voltage exceeds the operating voltage range of a given pin. Should this condition occur, there is a risk
that some of the internal ESD protection circuits may be biased on, and conduct current. Any such current flow
occurs through steering diode paths and rarely involves the absorption device.
Equivalent Internal ESD Circuitry and Its Relation to a Typical Circuit Application depicts a specific example
where the input voltage, VIN, exceeds the positive supply voltage (+VS) by 500 mV or more. Much of what
happens in the circuit depends on the supply characteristics. If +VS can sink the current, one of the upper input
steering diodes conducts and directs current to +VS. Excessively high current levels can flow with increasingly
higher VIN. As a result, the data sheet specifications recommend that applications limit the input current to 10
mA.
If the supply is not capable of sinking the current, VIN may begin sourcing current to the operational amplifier,
and then take over as the source of positive supply voltage. The danger in this case is that the voltage can rise
to levels that exceed the operational amplifier absolute maximum ratings.
Another common question involves what happens to the amplifier if an input signal is applied to the input while
the power supplies +VS or –VS are at 0 V.
Again, it depends on the supply characteristic while at 0 V, or at a level below the input signal amplitude. If
the supplies appear as high impedance, then the operational amplifier supply current may be supplied by the
input source through the current steering diodes. This state is not a normal bias condition; the amplifier most
likely will not operate normally. If the supplies are low impedance, then the current through the steering diodes
can become quite high. The current level depends on the ability of the input source to deliver current, and any
resistance in the input path.
If there is an uncertainty about the ability of the supply to absorb this current, external Zener diodes may be
added to the supply pins as shown in Equivalent Internal ESD Circuitry and Its Relation to a Typical Circuit
Application. The Zener voltage must be selected such that the diode does not turn on during normal operation.
However, its Zener voltage should be low enough so that the Zener diode conducts if the supply pin begins to
rise above the safe operating supply voltage level.
OPA140, OPA2140, OPA4140
SBOS498E – JULY 2010 – REVISED JULY 2021
www.ti.com
20
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA140 OPA2140 OPA4140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com