Electronic Components Datasheet Search
  English  ▼

X  

OPA2140AIDR Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2140AIDR
Description  OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amp
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2140AIDR Datasheet(HTML) 18 Page - Texas Instruments

Back Button OPA2140AIDR Datasheet HTML 14Page - Texas Instruments OPA2140AIDR Datasheet HTML 15Page - Texas Instruments OPA2140AIDR Datasheet HTML 16Page - Texas Instruments OPA2140AIDR Datasheet HTML 17Page - Texas Instruments OPA2140AIDR Datasheet HTML 18Page - Texas Instruments OPA2140AIDR Datasheet HTML 19Page - Texas Instruments OPA2140AIDR Datasheet HTML 20Page - Texas Instruments OPA2140AIDR Datasheet HTML 21Page - Texas Instruments OPA2140AIDR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
7.3.7 Thermal Protection
The OPAx140 series of op amps are capable of driving 2-kΩ loads with power-supply voltages of up to ±18
V over the specified temperature range. In a single-supply configuration, where the load is connected to the
negative supply voltage, the minimum load resistance is 2.8 kΩ at a supply voltage of 36 V. For lower supply
voltages (either single-supply or symmetrical supplies), a lower load resistance may be used, as long as the
output current does not exceed 13 mA; otherwise, the device short circuit current protection circuit may activate.
Internal power dissipation increases when operating at high supply voltages. Copper leadframe construction
used in the OPA140, OPA2140, and OPA4140 series devices improves heat dissipation compared to
conventional materials. Printed-circuit-board (PCB) layout can also help reduce a possible increase in junction
temperature. Wide copper traces help dissipate the heat by acting as an additional heatsink. Temperature rise
can be further minimized by soldering the devices directly to the PCB rather than using a socket.
Although the output current is limited by internal protection circuitry, accidental shorting of one or more output
channels of a device can result in excessive heating. For instance, when an output is shorted to mid-supply, the
typical short-circuit current of 36 mA leads to an internal power dissipation of over 600 mW at a supply of ±18 V.
In the case of a dual OPA2140 in an 8-pin VSSOP package (thermal resistance θJA = 180°C/W), such power
dissipation would lead the die temperature to be 220°C above ambient temperature, when both channels are
shorted. This temperature increase significantly decreases the operating life of the device.
To prevent excessive heating, the OPAx140 series has an internal thermal shutdown circuit that shuts down
the device if the die temperature exceeds approximately 180°C. When this thermal shutdown circuit activates,
a built-in hysteresis of 15°C makes sure that the die temperature must drop to approximately 165°C before the
device switches on again.
Additional consideration should be given to the combination of maximum operating voltage, maximum operating
temperature, load, and package type. Figure 7-3 and Figure 7-4 show several practical considerations when
evaluating the OPA2140 (dual version) and the OPA4140 (quad version).
As an example, the OPA4140 has a maximum total quiescent current of 10.8 mA (2.7 mA/channel) over
temperature. The 14-pin TSSOP package has a typical thermal resistance of 135°C/W. This parameter means
that because the junction temperature should not exceed 150°C to provide reliable operation, either the supply
voltage must be reduced, or the ambient temperature should remain low enough so that the junction temperature
does not exceed 150°C. This condition is illustrated in Figure 7-3 for various package types. Moreover, resistive
loading of the output causes additional power dissipation and thus self-heating, which also must be considered
when establishing the maximum supply voltage or operating temperature. To this end, Figure 7-4 shows the
maximum supply voltage versus temperature for a worst-case dc load resistance of 2 kΩ.
20
18
16
14
12
10
8
6
4
2
0
80
90
100
110
120
130
140
150
160
Ambient Temperature (°C)
TSSOP Quad
SOIC Quad
MSOP Dual
SOIC Dual
Figure 7-3. Maximum Supply Voltage vs
Temperature (OPA2140 and OPA4140), Quiescent
Condition
20
18
16
14
12
10
8
6
4
2
0
80
90
100
110
120
130
140
150
160
Ambient Temperature ( C)
°
TSSOP Quad
SOIC Quad
MSOP Dual
SOIC Dual
Figure 7-4. Maximum Supply Voltage vs
Temperature (OPA2140 and OPA4140), Maximum
DC Load
OPA140, OPA2140, OPA4140
SBOS498E – JULY 2010 – REVISED JULY 2021
www.ti.com
18
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA140 OPA2140 OPA4140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com