Electronic Components Datasheet Search
  English  ▼

X  

LT3932 Datasheet(PDF) 13 Page - Analog Devices

Part # LT3932
Description  60V, 3A Silent Switcher Synchronous, Step-Up LED Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3932 Datasheet(HTML) 13 Page - Analog Devices

Back Button LT3932 Datasheet HTML 9Page - Analog Devices LT3932 Datasheet HTML 10Page - Analog Devices LT3932 Datasheet HTML 11Page - Analog Devices LT3932 Datasheet HTML 12Page - Analog Devices LT3932 Datasheet HTML 13Page - Analog Devices LT3932 Datasheet HTML 14Page - Analog Devices LT3932 Datasheet HTML 15Page - Analog Devices LT3932 Datasheet HTML 16Page - Analog Devices LT3932 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LT8386
13
Rev. 0
For more information www.analog.com
BLOCK DIAGRAM
8386 BD
–
+
+
–
+
–
+
–
+
–
+
–
+
+
CONTROL
BUFFER
gm = 140µA/V
CURRENT
REGULATION
AMPLIFIER
A/D
DETECT
INTERNAL VCC
REGULATOR
UVLO AND
OVLO
200kHz
TO 2MHz
OSCILLATOR
V/I
CONVERTER
FB
REF
VC
REF
INTERNAL
PWM SIGNAL
SOFT-START
AND
LED FAULT CONTROL
PWMTG
DRIVER
R
Q
MBSW
MTSW
S
SYNCHRONOUS
CONTROLLER
PEAK
CURRENT
COMPARATOR
2V REFERENCE
OVLO
EN/UVLO
GND
RT
CTRL
SS
100nF
4.7nF
10k
22µA
2µA
PWMTG
VIN
499k
140k
INTVCC
PWM
200m
28k
45.3k
25k
1.2V
2.5k
10x
2.5k
0.25V
1.25V
1F
1.5V
SYNC/SPRD
VOUT
10µF
GND
(EXPOSED PAD)
VOUT
VREF
VIN
INTVCC
BST
SW
VC
RP
2.2µF
4.7µH
33nF
–
+ +
gm = 1000µA/V
VOLTAGE
REGULATION
AMPLIFIER
4.7µF
VOUT – 10V
REGULATOR
ISMON
ISN
ISP
100k
549k
12.1k
FB
FAULT
2
3
4
5
6
7
16
17
8
13
11
18
15
12
1
28
27
9
10
14
19
20
21
22
23
24
INTVCC
0.1F
0.1F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com