Electronic Components Datasheet Search
  English  ▼

X  

LT3932 Datasheet(PDF) 19 Page - Analog Devices

Part # LT3932
Description  60V, 3A Silent Switcher Synchronous, Step-Up LED Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3932 Datasheet(HTML) 19 Page - Analog Devices

Back Button LT3932 Datasheet HTML 15Page - Analog Devices LT3932 Datasheet HTML 16Page - Analog Devices LT3932 Datasheet HTML 17Page - Analog Devices LT3932 Datasheet HTML 18Page - Analog Devices LT3932 Datasheet HTML 19Page - Analog Devices LT3932 Datasheet HTML 20Page - Analog Devices LT3932 Datasheet HTML 21Page - Analog Devices LT3932 Datasheet HTML 22Page - Analog Devices LT3932 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
LT8386
19
Rev. 0
For more information www.analog.com
The gate driver for this PMOS is supplied through the
VOUT pin. When the PWM pin voltage is greater than 1.7V,
the driver will pull the gate of the PMOS to a maximum of
12.5V below the VOUT pin. If VOUT is below 12.5V, the gate
drive is necessarily reduced. For constant current applica-
tions, leave PWMTG open, connect the load directly after
the current sense resistor, and connect PWM to INTVCC.
In these cases, analog dimming may be implemented with
the CTRL pin.
The drain source voltage rating of the chosen PMOS
should be greater than the maximum output voltage.
Typically the output voltage is a little higher than the sum
of the forward voltages of the LEDs in the string. However,
when the string is broken, the output voltage will begin to
increase due to the imbalance of inductor current and load
current. As described in detail later, the LT8386 will not
reduce the inductor current nor limit the output voltage
until the FB pin voltage approaches 1.2V. Therefore, the
maximum output voltage is ultimately determined by the
resistor network between FB and VOUT.
In most applications, the gate source voltage rating of
the PMOS should be at least 10V. The only exceptions
to this rule are applications for which the output voltage
is always less than 10V. The PWMTG driver will try to
pull the gate of the PMOS down to 10V below VOUT, but
it cannot pull the gate below GND. Therefore, when the
maximum output voltage is less than 10V, the PMOS gate
source voltage rating will be sufficient if it is merely equal
to or greater than the output voltage.
Finally, the drain current rating of the PMOS must exceed
the programmed LED current. Assuming this condition
and the conditions above are met, the only electrical
parameter to be considered is the on-resistance. Other
parameters such as gate charge are less important
because PWM dimming frequencies are typically too low
for efficiency to be affected noticeably by gate charging
loss or transition loss.
Table  4 lists recommended manufacturers of PMOS
devices.
Table 4. PMOS Manufacturers
MANUFACTURER
WEBSITE
Infineon
www.infineon.com
Vishay Intertechnology
www.vishay.com
NXP Semiconductors
www.nxp.com
Selecting an RP Resistor for Internal PWM Dimming
If the RP pin is tied to GND, an external pulse-width mod-
ulated signal at the PWM pin will control PWM dimming
of the LED load. The signal will enable the PWMTG driver
and turn on the external PMOS device when it is higher
than 1.7V.
However, the LT8386 is capable of PWM dimming even
when an external PWM signal is not available. In this case,
an internal PWM signal with frequency set by a resistor
at the RP pin and duty ratio set by a DC voltage at the
PWM pin will control the PWMTG driver. The RP resistor
should be one of the five values listed in Table 5. For each
of these values, the PWM frequency is a unique ratio of
the switching frequency.
Table 5. Internal PWM Dimming Frequencies
RP
RATIO
SWITCHING FREQUENCY
2MHz
1MHz
400kHz
76.8k
210
1.95kHz
977Hz
390Hz
118k
211
977Hz
488Hz
195Hz
169k
212
488Hz
244Hz
98Hz
237k
213
244Hz
122Hz
49Hz
332k
214
122Hz
61Hz
24Hz
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com