Electronic Components Datasheet Search
  English  ▼

X  

LT3932 Datasheet(PDF) 20 Page - Analog Devices

Part # LT3932
Description  60V, 3A Silent Switcher Synchronous, Step-Up LED Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3932 Datasheet(HTML) 20 Page - Analog Devices

Back Button LT3932 Datasheet HTML 16Page - Analog Devices LT3932 Datasheet HTML 17Page - Analog Devices LT3932 Datasheet HTML 18Page - Analog Devices LT3932 Datasheet HTML 19Page - Analog Devices LT3932 Datasheet HTML 20Page - Analog Devices LT3932 Datasheet HTML 21Page - Analog Devices LT3932 Datasheet HTML 22Page - Analog Devices LT3932 Datasheet HTML 23Page - Analog Devices LT3932 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
LT8386
20
Rev. 0
For more information www.analog.com
The internal PWM function of the LT8386 maps the PWM
pin voltages to the PWM dimming ratios as illustrated in
Figure 7. When VPWM is greater than 2V, the PWM dim-
ming ratio is 100% and the PWMTG switch will stay on.
Between 1V and 2V, there are 512 evenly spaced voltage
thresholds corresponding to 512 discrete PWM dimming
ratios from 0% to 100%. The LT8386 provides Preset
PWM dimming ratios that significantly enhance the pre-
cision of the dimming ratio and reduce the noise sensi-
tivity at the PWM pin. Applying 0.3V, 0.5V, and 0.7V at
the PWM pin results in very accurate 1%, 5%, and 10%
PWM dimming ratios, respectively. In between the preset
PWM ranges, the dimming ratio is 0% and the PWMTG
will stay off.
Monitoring LED Current
The ISMON pin provides an amplified and buffered moni-
tor of the voltage between the ISP and ISN pins. The gain
of the internal amplifier is 10, and the speed is fast enough
to track the pulse-width modulated LED current. However,
as shown in Figure 8, the ISMON voltage can be filtered
with a resistor-capacitor network to monitor the average
LED current instead.
APPLICATIONS INFORMATION
Figure 7. The Internal PWM Mapping of the LT8386
512 STEPS
VPWM
100%
8386 F07
0%
0%
1%
0.3V
0
0.5V 0.7V
1V
2V
±50mV ±50mV ±50mV
5%
10%
Figure 8. ISMON Filter Configuration
LT8386
8386 F08
ISMON
ISMON(FILTERED)
CMON
RMON
To avoid excessive start-up times, after the first PWM
pulse, PWMTG will stay on until the SS pin voltage reaches
1.55V or the LED current has reached approximately 10%
of the full-scale current. This expedited start-up applies to
both internal and external PWM operations.
Figure 9. FB Resistor Configuration
LT8386
8386 F09
FB
RFB2
VOUT
RFB1
VOUT(MAX) = 1.2V • 1+
RFB2
RFB1
⎛
⎝
⎜
⎞
⎠
⎟
The resistor should be at least 10k. The capacitance can
be as large or small as needed without affecting the stabil-
ity of the internal amplifier. For example, when the PWM
frequency is 200Hz, a 10μF capacitor combined with the
10k resistor would limit the ripple on ISMON to 1%.
Selecting the FB Resistors
Two resistors should be selected to form a network
between the output voltage and the FB pin as shown in
Figure 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com