Electronic Components Datasheet Search
  English  ▼

X  

LT3932 Datasheet(PDF) 17 Page - Analog Devices

Part # LT3932
Description  60V, 3A Silent Switcher Synchronous, Step-Up LED Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3932 Datasheet(HTML) 17 Page - Analog Devices

Back Button LT3932 Datasheet HTML 13Page - Analog Devices LT3932 Datasheet HTML 14Page - Analog Devices LT3932 Datasheet HTML 15Page - Analog Devices LT3932 Datasheet HTML 16Page - Analog Devices LT3932 Datasheet HTML 17Page - Analog Devices LT3932 Datasheet HTML 18Page - Analog Devices LT3932 Datasheet HTML 19Page - Analog Devices LT3932 Datasheet HTML 20Page - Analog Devices LT3932 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
LT8386
17
Rev. 0
For more information www.analog.com
Adaptive Peak Switch Current Limit
The LT8386 peak switch current limit is 3.6A (typical)
when the VIN pin voltage is 9V and above. This means the
inductor peak current can rise up to 3.6A to deliver the
programmed LED current to the output. When the VIN pin
voltage decreases, the current limit is adaptively increased
so that the part can provide more power to the output
compared to the fixed 3.6A input current limit case. The
current limit increases up to 5A when the VIN pin voltage
is 5V and below. Figure 5 illustrates this adaptive peak
switch current limit over VIN pin voltages.
APPLICATIONS INFORMATION
the inductor current ripple amplitude to the average induc-
tor current value, both values of which are determined
by the input and output voltages, switching frequency,
efficiency and the inductor values. Hence, the minimum
inductor value LMIN that ensures the peak inductor cur-
rent below 3A is:
LMIN =
VIN(MIN) •(VOUT – VIN(MIN))
2 • VOUT • fSW
⎛
⎝
⎜
⎞
⎠
⎟
3 –
VOUT •ILED
VIN(MIN) •EFFICIENCY
⎛
⎝
⎜
⎞
⎠
⎟
(2)
Using this equation gives an inductance of about 8.1µH
assuming 90% efficiency for the given conditions.
With this minimum inductor value guideline, choose
an inductor with low core loss and low DC resistance.
Inductor must be able to handle the peak inductor current
without saturation. To minimize the radiated noise, use a
shielded inductor. The manufacturers featured in Table 2
are recommended sources of inductors.
Table 2. Inductor Manufacturers
MANUFACTURER
WEBSITE
Wurth Electronics
www.we-online.com
Coilcraft
www.coilcraft.com
Vishay Intertechnology
www.vishay.com
Selecting an Input Capacitor
The input capacitor supplies the inductor ripple current
and the transient current that occurs in PWM dimming
operations. A 4.7µF ceramic capacitor should be sufficient
to provide these non-steady state currents. Place the input
capacitor close to the inductor. If possible, place an addi-
tional 1µF ceramic capacitor close to the VIN pin for better
noise immunity. Use X7R ceramic capacitors as they typi-
cally retain their capacitance better than other capacitor
types over wide voltage and temperature ranges.
If the input power source has high impedance, or there is
significant inductance due to long wires or cables, addi-
tional bulk electrolytic capacitance may be necessary. A
low ESR ceramic input capacitor combined with parasitic
Figure 5. Adaptive Peak Switch Current Limit
Selecting an Inductor
The LT8386 limits the inductor peak current to an input
current limit ILIM, which is a function of the VIN pin volt-
age, over the duty cycle without subharmonic oscillations.
This current limit will override the CTRL pin input com-
mand if the programmed LED current demands higher
inductor peak current than ILIM. Therefore, it is important
to select the inductor value to ensure the peak inductor
current is below the limit over the desired input voltage
range. The following is an example of inductor value deci-
sion process for the application where we want 500mA
LED current at 45V output, while the input ranges from
9V to 25V and the switching frequency is 2MHz. The ILIM
in this example will be 3A, which is the minimum ILIM that
LT8386 guarantees with 9V input voltage. The maximum
peak inductor current can be derived by adding the half of
VIN PIN VOLTAGE (V)
3
5
7
9
11
13
15
0
1
2
3
4
5
6
8386 F05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com