Electronic Components Datasheet Search
  English  ▼

X  

LT3932 Datasheet(PDF) 2 Page - Analog Devices

Part # LT3932
Description  60V, 3A Silent Switcher Synchronous, Step-Up LED Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3932 Datasheet(HTML) 2 Page - Analog Devices

  LT3932 Datasheet HTML 1Page - Analog Devices LT3932 Datasheet HTML 2Page - Analog Devices LT3932 Datasheet HTML 3Page - Analog Devices LT3932 Datasheet HTML 4Page - Analog Devices LT3932 Datasheet HTML 5Page - Analog Devices LT3932 Datasheet HTML 6Page - Analog Devices LT3932 Datasheet HTML 7Page - Analog Devices LT3932 Datasheet HTML 8Page - Analog Devices LT3932 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LT8386
2
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN and EN/UVLO....................................... −0.3V to 60V
ISP, ISN, and VOUT...................................... −0.3V to 60V
ISP – ISN .........................................................−1V to 1V
FB, SS, and VC .......................................... −0.3V to 3.6V
CTRL, OVLO, PWM, SYNC/SPRD, and FAULT ...−0.3V to 5V
SW, BST, INTVCC, VREF, ISMON, PWMTG, RT,
and RP........................................................... (Note 2)
Operating Junction Temperature Range (Notes 3, 4)
LT8386E ............................................ –40°C to 125°C
LT8386J............................................. –40°C to 150°C
Storage Temperature Range .............. –65°C to 150°C
Maximum Reflow (Package Body)
Temperature......................................................260°C
(Note 1)
TOP VIEW
LQFN PACKAGE
28-LEAD (4mm × 5mm)
θJA = 25°CW (AS MEASURED ON DEMO BOARD)
EXPOSED PAD (PIN 29) IS GND, MUST BE SOLDERED TO PCB
SW
BST
INTVCC
VIN
EN/UVLO
OVLO
VREF
CTRL
GND
VOUT
PWMTG
PWM
RP
SYNC/SPRD
RT
FAULT
9 10 11 12 13 14
28 27
24 23
17
18
19
20
21
22
16
15
6
5
3
4
2
29
GND
1
7
8
ORDER INFORMATION
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
4
56
V
VIN Pin Quiescent Current
VEN/UVLO = 1.5V, Not Switching
VEN/UVLO = 0.3V, Shutdown
3.5
4.5
1.5
mA
µA
EN/UVLO Threshold (Falling)
1.280
1.330
1.420
V
PART NUMBER
PART MARKING*
FINISH CODE
PAD FINISH
PACKAGE TYPE**
MSL RATING
TEMPERATURE RANGE
LT8386EV#PBF
8386
e4
Au (RoHS)
LQFN (Laminate Package
with QFN Footprint)
3
–40°C to 125°C
LT8386JV#PBF
–40°C to 150°C
AUTOMOTIVE PRODUCTS**
LT8386EV#WPBF
8386
e4
Au (RoHS)
LQFN (Laminate Package
with QFN Footprint)
3
–40°C to 125°C
LT8386JV#WPBF
–40°C to 150°C
• Contact the factory for parts specified with wider operating temperature
ranges. *Device temperature grade is identified by a label on the shipping
container. Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Recommended LGA and BGA PCB Assembly and Manufacturing
Procedures
• LGA and BGA Package and Tray Drawings
Parts ending with PBF are RoHS and WEEE compliant. **The LT8386 packages has the same footprint as a standard 4mm × 5mm QFN Package.
**Versions of this part are available with controlled manufacturing to support the quality and reliability requirements of automotive applications. These
models are designated with a #W suffix. Only the automotive grade products shown are available for use in automotive applications. Contact your
local Analog Devices account representative for specific product ordering information and to obtain the specific Automotive Reliability reports for
these models.
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VIN = 12V, VEN/UVLO = 2V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com