Electronic Components Datasheet Search
  English  ▼

X  

LT3932 Datasheet(PDF) 23 Page - Analog Devices

Part # LT3932
Description  60V, 3A Silent Switcher Synchronous, Step-Up LED Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3932 Datasheet(HTML) 23 Page - Analog Devices

Back Button LT3932 Datasheet HTML 19Page - Analog Devices LT3932 Datasheet HTML 20Page - Analog Devices LT3932 Datasheet HTML 21Page - Analog Devices LT3932 Datasheet HTML 22Page - Analog Devices LT3932 Datasheet HTML 23Page - Analog Devices LT3932 Datasheet HTML 24Page - Analog Devices LT3932 Datasheet HTML 25Page - Analog Devices LT3932 Datasheet HTML 26Page - Analog Devices LT3932 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
LT8386
23
Rev. 0
For more information www.analog.com
EN/UVLO pin sinks 2µA current when the EN/UVLO pin
voltage is below the threshold.
On the other hand, the VIN overvoltage lockout (OVLO)
threshold can be accurately set by the external resistor
divider as well. Figure 14 illustrates how to set the rising
OVLO threshold in LT8386. The internal hysteresis of the
OVLO pin is 50mV.
APPLICATIONS INFORMATION
Planning for Thermal Shutdown
The LT8386 automatically stops switching when the
internal temperature is too high. The temperature limit is
guaranteed to be higher than the operational temperature
of the part. During thermal shutdown, all switching is
terminated, SS is forced low, and the LEDs are discon-
nected through the PWMTG driver. The exposed pad on
the bottom of the package must be soldered to a ground
plane. Vias placed directly under the package are neces-
sary to dissipate heat.
Designing the Printed Circuit Board (PCB)
The output capacitors COUT1 and COUT2 of the LT8386
bypass large switched currents from VOUT to GND (see
Figure 6). The loops travelled by these currents should
be made small as possible to these pins. These output
capacitors, along with the inductor and the input capaci-
tors, should be placed on the same side of the PCB, and
their connections should be made on that layer.
Create a Kelvin ground network by keeping the ground
connection for all of the other components separate.
It should only join the ground for the input and output
capacitors and the return path for the LED current at the
exposed pad.
There are a few other aspects of the board design that
improve performance. An unbroken ground plane on
the second layer dissipates heat, but also reduces noise.
Likewise minimizing the area of the SW and BST nodes
reduces noise. The traces for FB and VC should be kept
short to lessen the susceptibility to noise of these high-
impedance nodes. Matched Kelvin connections from the
external current sense resistor to the ISP and ISN pins
are essential for current regulation accuracy. Use bypass
capacitors for the DC input nodes such as VIN, CTRL, and
PWM (for internal PWM) to reduce noise. Keep the RT
and RP nodes small and away from noisy signals. Finally,
a diode with anode connected to ground and cathode to
the drain of the PWMTG MOSFET can protect that device
from overvoltage caused by excessive inductance in the
LED string. Please refer to the demo board layout of the
LT8386 for more information.
Figure 14. OVLO Threshold and Hysteresis Voltages
LT8386
VIN
8386 F14
OVLO
R3
R4
RISING THRESHOLD
VIN(OVLO) = 1.205V • 1+
R3
R4
⎛
⎝
⎜
⎞
⎠
⎟
FALLING HYSTERESIS
VHYST(OVLO) = 50mV • 1+
R3
R4
⎛
⎝
⎜
⎞
⎠
⎟
Figure 15. EN/UVLO — OVLO Threshold and Hysteresis Voltages
LT8386
8386 F15
OVLO
EN/ULVO
R7
VIN
R5
R6
VIN(UVLO) = 1.33V • 1+
R5
R6+R7
⎛
⎝
⎜
⎞
⎠
⎟
VHYST(UVLO) = 25mV • 1+
R5
R6+R7
⎛
⎝
⎜
⎞
⎠
⎟+R5 • 2µA
VIN(OVLO) = 1.205V • 1+
R5+R6
R7
⎛
⎝
⎜
⎞
⎠
⎟
VHYST(OVLO) = 50mV • 1+
R5+R6
R7
⎛
⎝
⎜
⎞
⎠
⎟
Both EN/UVLO and OVLO can be set precisely using a
single resistor string consisting of three series resistors.
Figure 15 shows the resistor string and the threshold and
hysteresis voltages for EN/UVLO and OVLO.
Tie EN/UVLO to VIN and tie OVLO to GND if they are not
used. Do not leave these pins open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com