Electronic Components Datasheet Search
  English  ▼

X  

ADF5355 Datasheet(PDF) 4 Page - Analog Devices

Part # ADF5355
Description  300MHz to 9GHz High Linearity I/Q Demodulator with Wideband IF Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5355 Datasheet(HTML) 4 Page - Analog Devices

  ADF5355 Datasheet HTML 1Page - Analog Devices ADF5355 Datasheet HTML 2Page - Analog Devices ADF5355 Datasheet HTML 3Page - Analog Devices ADF5355 Datasheet HTML 4Page - Analog Devices ADF5355 Datasheet HTML 5Page - Analog Devices ADF5355 Datasheet HTML 6Page - Analog Devices ADF5355 Datasheet HTML 7Page - Analog Devices ADF5355 Datasheet HTML 8Page - Analog Devices ADF5355 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LTC5594
4
Rev A
For more information www.analog.com
ELECTRICAL CHARACTERISTICS T
C = 25°C, VCC = 5V, OVDD = EN = CSB = 3.3V, SDI = SCK = AMPD = 0V,
VCM = 0.9V, PIF = 1.5dBm (–1.5dBm/tone for 2-tone tests), PLO = 6dBm, all registers at default values, and all parameters listed for
combined performance of demodulator and amplifier unless otherwise noted. (Notes 2, 3, 6, 9, 21, 24)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
HD2
2nd Order Harmonic Distortion
Unadjusted/Adjusted
fRF = 400MHz
fRF = 1900MHz
fRF = 3500MHz
fRF = 5800MHz
fRF = 7200MHz
fRF = 8500MHz
–65
–64
–60
–56
–50
–46
dBc
dBc
dBc
dBc
dBc
dBc
HD3
3rd Order Harmonic Distortion
Unadjusted/Adjusted
fRF = 400MHz
fRF = 1900MHz
fRF = 3500MHz
fRF = 5800MHz
fRF = 7200MHz
fRF = 8500MHz
–82
–80
–76
–70
–65
–68
dBc
dBc
dBc
dBc
dBc
dBc
P1dB
Output 1dB Compression Point
fRF = 400MHz
fRF = 1900MHz
fRF = 3500MHz
fRF = 5800MHz
fRF = 7200MHz
fRF = 8500MHz
13.2
13.2
13.2
13.2
13.2
13.2
dBm
dBm
dBm
dBm
dBm
dBm
DCOFFSET
DC Offset, Unadjusted (Note 13)
fRF = 400MHz
fRF = 1900MHz
fRF = 3500MHz
fRF = 5800MHz
fRF = 7200MHz
fRF = 8500MHz
19
17
17
–26
–63
–19
mV
mV
mV
mV
mV
mV
DCOFF(RANGE) DC Offset Adjustment Range
DCOI, DCOQ = 0x00 to 0xFF
–75 to 75
mV
DCOFF(STEP) DC Offset Step Size
640
µV
∆G
I/Q Gain Mismatch, Unadjusted
fRF = 400MHz
fRF = 1900MHz
fRF = 3500MHz
fRF = 5800MHz
fRF = 7200MHz
fRF = 8500MHz
0.05
0.05
0.06
0.06
0.07
0.44
dB
dB
dB
dB
dB
dB
∆G(RANGE)
I/Q Gain Mismatch Adjustment Range
GERR = 0x00 to 0x3F
–0.5 to 0.5
dB
∆G(STEP)
I/Q Gain Mismatch Adjustment Step Size
0.016
dB
∆φ
I/Q Phase Mismatch, Unadjusted
fRF = 400MHz
fRF = 1900MHz
fRF = 3500MHz
fRF = 5800MHz
fRF = 7200MHz
fRF = 8500MHz
0.9
1.1
3.1
1.6
1.1
1.0
Deg
Deg
Deg
Deg
Deg
Deg
∆φ(RANGE)
I/Q Phase Mismatch Adjustment Range
PHA = 0x000 to 0x1FF
–2.5 to 2.5
Deg
∆φ(STEP)
I/Q Phase Mismatch Adjustment Step Size
0.05
Deg
IRR
Image Rejection Ratio
Unadjusted/Adjusted
(Note 10)
fRF = 400MHz
fRF = 1900MHz
fRF = 3500MHz
fRF = 5800MHz
fRF = 7200MHz
fRF = 8500MHz
43/70
42/65
33/65
37/60
40/60
33/60
dB
dB
dB
dB
dB
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com