Electronic Components Datasheet Search
  English  ▼

X  

ADF5355 Datasheet(PDF) 7 Page - Analog Devices

Part # ADF5355
Description  300MHz to 9GHz High Linearity I/Q Demodulator with Wideband IF Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5355 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADF5355 Datasheet HTML 3Page - Analog Devices ADF5355 Datasheet HTML 4Page - Analog Devices ADF5355 Datasheet HTML 5Page - Analog Devices ADF5355 Datasheet HTML 6Page - Analog Devices ADF5355 Datasheet HTML 7Page - Analog Devices ADF5355 Datasheet HTML 8Page - Analog Devices ADF5355 Datasheet HTML 9Page - Analog Devices ADF5355 Datasheet HTML 10Page - Analog Devices ADF5355 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
LTC5594
7
Rev A
For more information www.analog.com
VCC = 5V, EN = 3.3V, TC = 25°C, PLO = 6dBm,
HSLO, RF tone spacing = 4MHz, fIF = 30MHz, PIF = –1.5dBm per tone, and register defaults. DC Blocks, 50Ω terminations, and
MACOM H9 180° combiner at amplifier outputs de-embedded from measurement unless otherwise noted. Test circuit shown in
Figure 1 with 1GHz interstage filter.
TYPICAL PERFORMANCE CHARACTERISTICS
TEMP Diode Voltage
vs Junction Temperature (TJ)
Gain vs IF Frequency for Various
Fixed LO Frequencies
OIP3 vs RF Frequency for Various
Fixed IF Frequencies
Supply Current vs Supply Voltage
Noise Figure and Conversion
Gain vs LO Power
Gain vs AMPG Register Value
Noise Figure and Conversion
Gain vs Temperature (TC)
Gain vs IF Frequency for Various
Fixed LO Frequencies
OIP3 vs RF Frequency for Various
Fixed IF Frequencies
4.75
5
5.25
520
510
500
490
480
470
460
450
440
430
420
SUPPLY VOLTAGE (V)
TC = –40°C
TC = 25°C
TC = 85°C
TC = 105°C
5594 G01
–40 –20
0
20
40
60
80 100 120
0.9
0.8
0.7
0.6
0.5
TEMPERATURE (°C)
5594 G02
1.0
ITEMP = 100µA
0
1
2
3
4
5
6
7
8
9 10
40
35
30
25
20
15
10
5
0
–5
–10
RF FREQUENCY (GHz)
–40°C
25°C
85°C
105°C
NF
GAIN
5594 G03
0
1
2
3
4
5
6
7
8
9 10
45
40
35
30
25
20
15
10
5
0
–5
–10
RF FREQUENCY (GHz)
–6dBm
0dBm
6dBm
12dBm
NF
GAIN
5594 G04
0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2
15
10
5
0
–5
–10
–15
–20
–25
–30
–35
IF FREQUENCY (GHz)
I, 1900MHz
I, 3500MHz
I, 5800MHz
I, 7200MHz
I, 8500MHz
Q, 1900MHz
Q, 3500MHz
Q, 5800MHz
Q, 7200MHz
Q, 8500MHz
HSLO
5594 G05
0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2
15
10
5
0
–5
–10
–15
–20
–25
–30
–35
IF FREQUENCY (GHz)
I, 1000MHz
I, 1900MHz
I, 3500MHz
I, 5800MHz
I, 7200MHz
I, 8500MHz
Q, 1000MHz
Q, 1900MHz
Q, 3500MHz
Q, 5800MHz
Q, 7200MHz
Q, 8500MHz
LSLO
5594 G06
0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2
20
15
10
5
0
–5
–10
–15
–20
–25
IF FREQUENCY (GHz)
0
1
2
3
4
5
6
7
fRF = 5800MHz
5594 G07
WITH 1GHz INTERSTAGE FILTER
0
1
2
3
4
5
6
7
8
9 10
50
45
40
35
30
25
20
15
10
5
0
–5
–10
RF FREQUENCY (GHz)
I, 30MHz
I, 100MHz
I, 200MHz
I, 300MHz
I, 500MHz
I, 700MHz
I, 1GHz
Q, 30MHz
Q, 100MHz
Q, 200MHz
Q, 300MHz
Q, 500MHz
Q, 700MHz
Q, 1GHz
HSLO
5594 G08
0
1
2
3
4
5
6
7
8
9 10
50
45
40
35
30
25
20
15
10
5
0
–5
RF FREQUENCY (GHz)
I, 30MHz
I, 100MHz
I, 200MHz
I, 300MHz
I, 500MHz
I, 700MHz
I, 1GHz
Q, 30MHz
Q, 100MHz
Q, 200MHz
Q, 300MHz
Q, 500MHz
Q, 700MHz
Q, 1GHz
LSLO
5594 G09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com