Electronic Components Datasheet Search
  English  ▼

X  

ADF5355 Datasheet(PDF) 9 Page - Analog Devices

Part # ADF5355
Description  300MHz to 9GHz High Linearity I/Q Demodulator with Wideband IF Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5355 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADF5355 Datasheet HTML 5Page - Analog Devices ADF5355 Datasheet HTML 6Page - Analog Devices ADF5355 Datasheet HTML 7Page - Analog Devices ADF5355 Datasheet HTML 8Page - Analog Devices ADF5355 Datasheet HTML 9Page - Analog Devices ADF5355 Datasheet HTML 10Page - Analog Devices ADF5355 Datasheet HTML 11Page - Analog Devices ADF5355 Datasheet HTML 12Page - Analog Devices ADF5355 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
LTC5594
9
Rev A
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS V
CC = 5V, EN = 3.3V, TC = 25°C, PLO = 6dBm,
HSLO, RF tone spacing = 4MHz, fIF = 30MHz, PIF = –1.5dBm per tone, and register defaults. DC Blocks, 50Ω terminations, and
MACOM H9 180° combiner at amplifier outputs de-embedded from measurement unless otherwise noted. Test circuit shown in
Figure 1 with 1GHz interstage filter.
0
1
2
3
4
5
6
7
8
9 10
45
40
35
30
25
20
15
10
RF FREQUENCY (GHz)
I, 0
I, 1
I, 2
I, 3
I, 4
I, 5
I, 6
I, 7
Q, 0
Q, 1
Q, 2
Q, 3
Q, 4
Q, 5
Q, 6
Q, 7
5594 G19
0
1
2
3
4
5
6
7
8
9 10
90
80
70
60
50
40
30
20
10
0
RF FREQUENCY (GHz)
I, –40°C
I, 25°C
I, 85°C
I, 105°C
Q, –40°C
Q, 25°C
Q, 85°C
Q, 105°C
5594 G20
0
1
2
3
4
5
6
7
8
9 10
90
80
70
60
50
40
30
20
10
0
–10
RF FREQUENCY (GHz)
I, –6dBm
I, 0dBm
I, 6dBm
I, 12dBm
Q, –6dBm
Q, 0dBm
Q, 6dBm
Q, 12dBm
5594 G21
0
32
64
96 128 160 192 224 256
100
90
80
70
60
50
40
30
20
10
0
REGISTER VALUE (INTEGER)
IM2IX, –40°C
IM2IX, 25°C
IM2IX, 85°C
IM2IX, 105°C
I-CHANNEL
fRF = 5800MHz
5594 G23
0
32
64
96 128 160 192 224 256
100
90
80
70
60
50
40
30
20
10
0
REGISTER VALUE (INTEGER)
IM2QX, –40°C
IM2QX, 25°C
IM2QX, 85°C
IM2QX, 105°C
Q-CHANNEL
fRF = 5800MHz
5594 G24
0
1
2
3
4
5
6
7
8
9 10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
RF FREQUENCY (GHz)
I, –40°C
I, 25°C
I, 85°C
I, 105°C
Q, –40°C
Q, 25°C
Q, 85°C
Q, 105°C
5594 G25
0
1
2
3
4
5
6
7
8
9 10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
RF FREQUENCY (GHz)
I, –6dBm
I, 0dBm
I, 6dBm
I, 12dBm
Q, –6dBm
Q, 0dBm
Q, 6dBm
Q, 12dBm
5594 G26
0
1
2
3
4
5
6
7
8
9 10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
RF FREQUENCY (GHz)
I, –40°C
I, 25°C
I, 85°C
I, 105°C
Q, –40°C
Q, 25°C
Q, 85°C
Q, 105°C
OPTIMIZED AT 25°C
5594 G27
0
1
2
3
4
5
6
7
8
9 10
100
90
80
70
60
50
40
30
20
10
0
RF FREQUENCY (GHz)
I, –40°C
I, 25°C
I, 85°C
I, 105°C
Q, –40°C
Q, 25°C
Q, 85°C
Q, 105°C
OPTIMIZED AT 25°C
5594 G22
OIP3 vs LVCM Register Value
Optimized OIP2 vs
Temperature (TC)
HD2 vs Temperature (TC)
OIP2 vs Temperature (TC)
OIP2 vs Temperature (TC) and
Register Value
HD2 vs LO Power
OIP2 vs LO Power
OIP2 vs Temperature (TC) and
Register Value
Optimized HD2 vs
Temperature (TC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com